Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3C7335 Arkusz danych(PDF) 3 Page - Samsung semiconductor

Numer części S3C7335
Szczegółowy opis  The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7335 Arkusz danych(HTML) 3 Page - Samsung semiconductor

  S3C7335 Datasheet HTML 1Page - Samsung semiconductor S3C7335 Datasheet HTML 2Page - Samsung semiconductor S3C7335 Datasheet HTML 3Page - Samsung semiconductor S3C7335 Datasheet HTML 4Page - Samsung semiconductor S3C7335 Datasheet HTML 5Page - Samsung semiconductor S3C7335 Datasheet HTML 6Page - Samsung semiconductor S3C7335 Datasheet HTML 7Page - Samsung semiconductor S3C7335 Datasheet HTML 8Page - Samsung semiconductor S3C7335 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
S3C7335/P7335
PRODUCT OVERVIEW
1-3
FEATURES (Continued)
Interrupts
Four internal vectored interrupts
Four external vectored interrupts
Two quasi-interrupts
Memory-Mapped I/O Structure
Data memory bank 15
Three Power-Down Modes
Idle: Only CPU clock stops
Stop1: Main system or subsystem clock stops
Stop2: Main system and subsystem clock stop
CE low: PLL and IFC stop
Oscillation Sources
Crystal or ceramic oscillator for main system
clock
Crystal for subsystem clock
Main system clock frequency: 4.5 MHz (Typ)
Subsystem clock frequency: 32.768 kHz (Typ)
CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
0.9, 1.8, 14.2
µs at 4.5 MHz
122
µs at 32.768 kHz (subsystem)
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V at 3MHz
PLL/IFC operation: 2.5V to 3.5V or 4.0V to 5.5V
Package Type
80-pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com