Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3C7335 Arkusz danych(PDF) 21 Page - Samsung semiconductor

Numer części S3C7335
Szczegółowy opis  The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7335 Arkusz danych(HTML) 21 Page - Samsung semiconductor

Back Button S3C7335 Datasheet HTML 17Page - Samsung semiconductor S3C7335 Datasheet HTML 18Page - Samsung semiconductor S3C7335 Datasheet HTML 19Page - Samsung semiconductor S3C7335 Datasheet HTML 20Page - Samsung semiconductor S3C7335 Datasheet HTML 21Page - Samsung semiconductor S3C7335 Datasheet HTML 22Page - Samsung semiconductor S3C7335 Datasheet HTML 23Page - Samsung semiconductor S3C7335 Datasheet HTML 24Page - Samsung semiconductor S3C7335 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ELECTRICAL DATA
S3C7335/P7335
17-10
Table 17-6. A.C. Electrical Characteristics (Concluded)
(T
A = – 40
°C to + 85 °C, V
DD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Instruction cycle
time (1)
t
CY
V
DD = 2.7 V to 5.5 V
0.67
64
µs
V
DD = 1.8 V to 5.5 V
1.3
64
With subsystem clock (fxt)
114
122
125
TCL0 input
frequency
f
TI
V
DD = 2.7 V to 5.5 V
0
1.5
MHz
V
DD = 1.8 V to 5.5 V
1
TCL0 input high,
low width
t
TIH, tTIL
V
DD = 2.7. V to 5.5 V
0.48
µs
V
DD = 1.8. V to 5.5 V
1.8
SCK cycle time
t
KCY
V
DD = 2.7 V to 5.5 V
External
SCK source
800
ns
Internal SCK source
650
V
DD = 1.8 V to 5.5 V
External
SCK source
3200
Internal SCK source
3800
SCK high, low
width
t
KH, tKL
V
DD = 2.7 V to 5.5 V
External
SCK source
400
Internal SCK source
t
KCY/2- 50
V
DD = 1.8 V to 5.5 V
External
SCK source
1600
Internal
SCK source
t
KCY/2-150
SI setup time to
t
SIK
External
SCK source
100
SCK high
Internal
SCK source
150
SI hold time to
t
KSI
External
SCK source
400
SCK high
Internal SCK source
400
Output delay for
SCK to SO
t
KSO
V
DD = 2.7 V to 5.5 V
External
SCK source
300
Internal SCK source
250
V
DD = 1.8 V to 5.5 V
External
SCK source
1000
Internal
SCK source
1000
NOTE: Unless otherwise specified, Instruction Cycle Time condition values assume a main system clock/4 (fx/4) source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com