Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5604C Arkusz danych(PDF) 36 Page - Freescale Semiconductor, Inc

Numer części MPC5604C
Szczegółowy opis  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604C Arkusz danych(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5604C Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
36
4.5
Recommended operating conditions
Table 8. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
1
1 100 nF capacitance needs to be provided between each V
DD/VSS pair
SR Voltage on VDD_HV pins with respect to
ground (VSS)
—3.0
3.6
V
VSS_LV
2
2 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair.
SR Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground (VSS)
—VSS0.1 VSS+0.1
V
VDD_BV
3
3 400 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
SR Voltage on VDD_BV pin (regulator supply)
with respect to ground (VSS)
—3.0
3.6
V
Relative to VDD
VDD0.1 VDD+0.1
VSS_ADC
SR Voltage on VSS_HV_ADC (ADC reference)
pin with respect to ground (VSS)
—VSS0.1 VSS+0.1
V
VDD_ADC
4
4 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
SR Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
—3.05
5 Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL,
device is reset.
3.6
V
Relative to VDD
VDD0.1 VDD+0.1
VIN
SR Voltage on any GPIO pin with respect to
ground (VSS)
—VSS0.1
—
V
Relative to VDD
—VDD+0.1
IINJPAD
SR Injected input current on any pin during
overload condition
—
55
mA
IINJSUM
SR Absolute sum of all injected input currents
during overload condition
—
50
50
TVDD
SR VDD slope to ensure correct power up
6
6 Guaranteed by device validation
—
—
0.25
V/µs
TA C-Grade Part SR Ambient temperature under bias
fCPU < 64 MHz
40
85
°C
TJ C-Grade Part SR Junction temperature under bias
—
40
110
TA V-Grade Part SR Ambient temperature under bias
fCPU < 64 MHz
40
105
TJ V-Grade Part SR Junction temperature under bias
—
40
130
TA M-Grade Part SR Ambient temperature under bias
fCPU < 64 MHz
40
125
TJ M-Grade Part SR Junction temperature under bias
—
40
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com