Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5604C Arkusz danych(PDF) 79 Page - Freescale Semiconductor, Inc

Numer części MPC5604C
Szczegółowy opis  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604C Arkusz danych(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC5604C Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
79
4.19
On-chip peripherals
4.19.1
Current consumption
4 Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured
by internal divider by 2.
5 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the
end of the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC_S depend on programming.
6 This parameter does not include the sample time t
ADC_S, but only the time for determining the digital result and the
time to load the result’s register with the conversion result.
7 Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 41. On-chip peripherals current consumption1
Symbol
C
Parameter
Conditions
Value
Unit
Typ
IDD_BV(CAN)
CC T CAN (FlexCAN) supply
current on VDD_BV
500 Kbps
Total (static + dynamic)
consumption:
• FlexCAN in loop-back
mode
• XTAL@ 8MHz used as
CAN engine clock
source
• Message sending period
is 580 µs
8 * fperiph + 85
µA
125 Kbps
8 * fperiph + 27
IDD_BV(eMIOS)
CC T eMIOS supply current
on VDD_BV
Static consumption:
• eMIOS channel OFF
• Global prescaler enabled
29 * fperiph
Dynamic consumption:
• It does not change varying the
frequency (0.003 mA)
3
IDD_BV(SCI)
CC T SCI (LINFlex) supply
current on VDD_BV
Total (static + dynamic) consumption:
• LIN mode
• Baudrate: 20 Kbps
5 * fperiph + 31
IDD_BV(SPI)
CC T SPI (DSPI) supply
current on VDD_BV
Ballast static consumption (only
clocked)
1
Ballast dynamic consumption
(contin
uous communication):
• Baudrate: 2 Mbit
• Trasmission every 8 µs
• Frame: 16 bits
16 * fperiph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com