Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5604C Arkusz danych(PDF) 50 Page - Freescale Semiconductor, Inc

Numer części MPC5604C
Szczegółowy opis  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604C Arkusz danych(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC5604C Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
50
PC[0]
6%
9%7%
8%6%
9%7%
8%
PE[2]
7%
10%
9%
9%
7%
10%
9%
9%
PE[3]
8%
11%
9%
9%
8%
11%
9%
9%
PC[5]
8%
11%
9%
10%
8%
11%
9%
10%
PC[4]
8%
12%
10%
10%
8%
12%
10%
10%
PE[4]
8%
12%
10%
11%
8%
12%
10%
11%
PE[5]
9%
12%
10%
11%
9%
12%
10%
11%
PH[4]
9%
13%
11%
11%
9%
13%
11%
11%
PH[5]
9%
—
11%
—
9%
—
11%
—
PH[6]
9%
13%
11%
12%
9%
13%
11%
12%
PH[7]
9%
13%
11%
12%
9%
13%
11%
12%
PH[8]
10%
14%
11%
12%
10%
14%
11%
12%
PE[6]
10%
14%
12%
12%
10%
14%
12%
12%
PE[7]
10%
14%
12%
12%
10%
14%
12%
12%
PC[12]
10%
14%
12%
13%
10%
14%
12%
13%
PC[13]
10%
—
12%
—
10%
—
12%
—
PC[8]
10%
—
12%
—
10%
—
12%
—
PB[2]
10%
15%
12%
13%
10%
15%
12%
13%
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to125 °C, unless otherwise specified
2 All 64 LQFPinformation is indicative and must be confirmed during silicon validation.
Table 19. I/O weight1
PAD
144/100 LQFP
64 LQFP2
Weight 5V
SRE=0
Weight 5V
SRE=1
Weight 3.3V
SRE=0
Weight 3.3V
SRE=1
Weight 5V
SRE=0
Weight 5V
SRE=1
Weight 3.3V
SRE=0
Weight 3.3V
SRE=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com