Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5604C Arkusz danych(PDF) 60 Page - Freescale Semiconductor, Inc

Numer części MPC5604C
Szczegółowy opis  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604C Arkusz danych(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5604C Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
60
4.11.2
Flash power supply DC characteristics
Table 27 shows the power supply DC characteristics on external supply.
Table 27. Code Flash power supply DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
IFREAD
2
2 This value is only relative to the actual duration of the read cycle
CC D Sum of the current consumption on
VDDHV and VDDBV on read access
Code Flash module read
fCPU = 64 MHz
3
3 f
CPU 64 MHz can be achieved only at up to 105 °C
—15
33
mA
Data Flash module read
fCPU = 64 MHz
3
—15
33
IFMOD
2
CC D Sum of the current consumption on
VDDHV and VDDBV on matrix
modification (program/erase)
Program/Erase on-going while
reading Code Flash registers
fCPU = 64 MHz
3
—15
33
mA
Program/Erase on-going while
reading Data Flash registers
fCPU = 64 MHz
3
—15
33
IFLPW CC D Sum of the current consumption on
VDDHV and VDDBV
during Code Flash low-power
mode
——
900
µA
during Data Flash low-power
mode
——
900
IFPWD CC D Sum of the current consumption on
VDDHV and VDDBV
during Code Flash power-down
mode
——
150
µA
during Data Flash power-down
mode
——
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com