Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5604C Arkusz danych(PDF) 103 Page - Freescale Semiconductor, Inc

Numer części MPC5604C
Szczegółowy opis  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604C Arkusz danych(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC5604C Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5604C Datasheet HTML 106Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
Document revision history
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
103
5
02-Nov-2009 In the “MPC5604B/C series block summary“ table, added a new row.
In the “Absolute maximum ratings” table, changed max value of VDD_BV, VDD_ADC, and
VIN.
In the ”Recommended operating conditions (3.3 V)” table, deleted min value of TVDD.
In the “Reset electrical characteristics“ table, changed footnotes 3 and 5.
In the “Voltage regulator electrical characteristics“ table:
•CREGn: changed max value.
•CDEC1: split into 2 rows.
• Updated voltage values in footnote 4
In the “Low voltage monitor electrical characteristics“ table:
• Updated column Conditions.
•VLVDLVCORL, VLVDLVBKPL: changed min/max value.
In the “Program and erase specifications“ table, added initial max valueof Tdwprogram.
In the “Flash module life“ table, changed min value for blocks with 100K P/E cycles
In the “Flash power supply DC electrical characteristics“ table:
•IFREAD, IFMOD: added typ value.
• Added footnote 1.
Added
“ NVUSRO[WATCHDOG_EN] field description“ section.
Section 4.18: “ADC electrical characteristics“ has been moved up in hierarchy (it was
Section 4.18.5).
In the “ ADC conversion characteristics“ table, changed initial max value of RAD.
In the “On-chip peripherals current consumption“ table:
• Removed min/max from the heading.
• Changed unit of measurement and consequently rounded the values.
Table 45. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com