Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSS7341 Arkusz danych(PDF) 27 Page - Microchip Technology

Numer części MSS7341
Szczegółowy opis  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 Arkusz danych(HTML) 27 Page - Microchip Technology

Back Button MSS7341 Datasheet HTML 23Page - Microchip Technology MSS7341 Datasheet HTML 24Page - Microchip Technology MSS7341 Datasheet HTML 25Page - Microchip Technology MSS7341 Datasheet HTML 26Page - Microchip Technology MSS7341 Datasheet HTML 27Page - Microchip Technology MSS7341 Datasheet HTML 28Page - Microchip Technology MSS7341 Datasheet HTML 29Page - Microchip Technology MSS7341 Datasheet HTML 30Page - Microchip Technology MSS7341 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 27
MCP16301
FIGURE 6-5:
Typical Application 4V to 30V VIN to 3.3V VOUT at 150 mA.
CB
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
3.3V
4V to 30V
REN
CIN
RTOP
VOUT
VIN
COUT
RBOT
MCP16301
Component
Value
Manufacturer
Part Number
Comment
CIN
1 µF
Taiyo Yuden
GMK212B7105KG-T
CAP CER 1.0µF 35V X7R 0805
COUT
10 µF
Taiyo Yuden
JMK107BJ106MA-T
CAP CER 10µF 6.3V X5R 0603
L
15 µH
Coilcraft
LPS3015-153MLB
INDUCTOR POWER 15µH 0.61A SMD
RTOP
31.2 k
Ω
Panasonic-ECG
ERJ-2RKF3162X
RES 31.6K OHM 1/10W 1% 0402 SMD
RBOT
10 k
Ω
Panasonic-ECG
ERJ-3EKF1002V
RES 10.0K OHM 1/10W 1% 0603 SMD
FW Diode
B0540
Diodes Inc.
B0540WS-7
DIODE SCHOTTKY 0.5A 40V SOD323
Boost Diode
1N4148
Diodes Inc.
1N4448WS-7-F
DIODE SWITCH 75V 200MW SOD-323
CB
100 nF
TDK® Corporation
C1005X5R0J104M
CAP CER 0.10uF 6.3V X5R 0402
REN
10 M
Ω
Panasonic-ECG
ERJ-2RKF1004X
RES 1.00M OHM 1/10W 1% 0402 SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com