Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSS7341 Arkusz danych(PDF) 19 Page - Microchip Technology

Numer części MSS7341
Szczegółowy opis  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 Arkusz danych(HTML) 19 Page - Microchip Technology

Back Button MSS7341 Datasheet HTML 15Page - Microchip Technology MSS7341 Datasheet HTML 16Page - Microchip Technology MSS7341 Datasheet HTML 17Page - Microchip Technology MSS7341 Datasheet HTML 18Page - Microchip Technology MSS7341 Datasheet HTML 19Page - Microchip Technology MSS7341 Datasheet HTML 20Page - Microchip Technology MSS7341 Datasheet HTML 21Page - Microchip Technology MSS7341 Datasheet HTML 22Page - Microchip Technology MSS7341 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 19
MCP16301
5.7
Freewheeling Diode
The freewheeling diode creates a path for inductor cur-
rent flow after the internal switch is turned off. The aver-
age diode current is dependent upon output load
current at duty cycle (D). The efficiency of the converter
is a function of the forward drop and speed of the free-
wheeling diode. A low forward drop Schottky diode is
recommended. The current rating and voltage rating of
the diode is application dependent. The diode voltage
rating should be a minimum of VIN, plus margin. For
example, a diode rating of 40V should be used for an
application with a maximum input of 30V. The average
diode current can be calculated using Equation 5-6.
EQUATION 5-6:
DIODE AVERAGE
CURRENT
EXAMPLE 5-4:
A 0.5A to 1A diode is recommended.
5.8
Boost Diode
The boost diode is used to provide a charging path from
the low voltage gate drive source, while the switch
node is low. The boost diode blocks the high voltage of
the switch node from feeding back into the output volt-
age when the switch is turned on, forcing the switch
node high.
A standard 1N4148 ultra-fast diode is recommended
for its recovery speed, high voltage blocking capability,
availability and cost. The voltage rating required for the
boost diode is VIN.
For low boost voltage applications, a small Schottky
diode with the appropriately rated voltage can be used
to lower the forward drop, increasing the boost supply
for gate drive.
TABLE 5-3:
MCP16301 RECOMMENDED
3.3V INDUCTORS
Part Number
Size
WxLxH
(mm)
Coilcraft®
ME3220
15
0.52
0.90
3.2x2.521.0
LPS4414
15
0.440
0.92
4.3x4.3x1.4
LPS6235
15
0.125
2.00
6.0x6.0x3.5
MSS6132
15
0.135
1.56
6.1x6.1x3.2
MSS7341
15
0.057
1.78
7.3x7.3x4.1
ME3220
15
0.520
0.8
2.8x3.2x2.0
XFL2006
15
2.02
0.25
2.0x2.0x0.6
LPS3015
15
0.700
0.61
3.0x3.0x1.4
Wurth Elektronik®
744028
15
0.750
0.35
2.8x2.8x1.1
744029
15
0.600
0.42
2.8x2.8x1.35
744025
15
0.400 0.900
2.8x2.8x2.8
744031
15
0.255 0.450 3.8x3.8x1.65
744042
15
0.175
0.75
4.8x4.8x1.8
Coiltronics®
SD12
15
0.48
0.692
5.2x5.2x1.2
SD18
15
0.266 0.831
5.2x5.2x1.8
SD20
15
0.193 0.718
5.2x5.2x2.0
SD3118
15
0.51
0.75
3.2x3.2x1.8
SD52
15
0.189
0.88
5.2x5.5.2.0
Sumida®
CDPH4D19F
15
0.075
0.66
5.2x5.2x2.0
CDRH2D09C
15
0.52
0.24
3.2x3.2x1.0
CDRH2D162D
15
0.198
0.35
3.2x3.2x1.8
CDRH3D161H
15
0.328
0.65
4.0x4.0x1.8
TDK - EPC®
VLF3012A
15
0.54
0.41
2.8x2.6x1.2
VLF30251
15
0.5
0.47
2.5x3.0x1.2
VLF4012A
15
0.46
0.63
3.5x3.7x1.2
VLF5014A
15
0.28
0.97
4.5x4.7x1.4
B82462G4332M
15
0.097
1.05
6x6x2.2
TABLE 5-4:
FREEWHEELING DIODES
App
Manufacturer
Part
Number
Rating
12 VIN
600 mA
Diodes
Inc.
DFLS120L-7
20V, 1A
24 VIN
100 mA
Diodes
Inc.
B0540Ws-7
40V, 0.5A
18 VIN
600 mA
Diodes
Inc.
B130L-13-F
30V, 1A
I
D1AVG
1D
() I
OUT
×
=
IOUT
=0.5A
VIN
=15V
VOUT
=5V
D= 5/15
ID1AVG
=333 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com