Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSS7341 Arkusz danych(PDF) 8 Page - Microchip Technology

Numer części MSS7341
Szczegółowy opis  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 Arkusz danych(HTML) 8 Page - Microchip Technology

Back Button MSS7341 Datasheet HTML 4Page - Microchip Technology MSS7341 Datasheet HTML 5Page - Microchip Technology MSS7341 Datasheet HTML 6Page - Microchip Technology MSS7341 Datasheet HTML 7Page - Microchip Technology MSS7341 Datasheet HTML 8Page - Microchip Technology MSS7341 Datasheet HTML 9Page - Microchip Technology MSS7341 Datasheet HTML 10Page - Microchip Technology MSS7341 Datasheet HTML 11Page - Microchip Technology MSS7341 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MCP16301
DS25004A-page 8
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, V
IN = EN = 12V, COUT = CIN = 2 X10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 200 mA,
TA = +25°C.
FIGURE 2-19:
Load Transient Response.
FIGURE 2-20:
Line Transient Response.
VOUT = 3.3V
IOUT = 100 mA to 600 mA
VIN = 12V
VOUT
AC coupled
100 mV/DIV
IOUT
200 mA/DIV
100 µs/DIV
VOUT = 3.3V
IOUT = 100 mA
VIN = 8V to 12V Step
VOUT
AC coupled
100 mV/DIV
VIN
1V/DIV
10 µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com