Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSS7341 Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części MSS7341
Szczegółowy opis  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSS7341 Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button MSS7341 Datasheet HTML 5Page - Microchip Technology MSS7341 Datasheet HTML 6Page - Microchip Technology MSS7341 Datasheet HTML 7Page - Microchip Technology MSS7341 Datasheet HTML 8Page - Microchip Technology MSS7341 Datasheet HTML 9Page - Microchip Technology MSS7341 Datasheet HTML 10Page - Microchip Technology MSS7341 Datasheet HTML 11Page - Microchip Technology MSS7341 Datasheet HTML 12Page - Microchip Technology MSS7341 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 9
MCP16301
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Boost Pin (BOOST)
The high side of the floating supply used to turn the
integrated
N-Channel
MOSFET
on
and
off
is
connected to the boost pin.
3.2
Ground Pin (GND)
The ground or return pin is used for circuit ground
connection. The length of the trace from the input cap
return, output cap return and GND pin should be made
as short as possible to minimize the noise on the GND
pin.
3.3
Feedback Voltage Pin (VFB)
The VFB pin is used to provide output voltage regulation
by using a resistor divider. The VFB voltage will be
0.800V typical with the output voltage in regulation.
3.4
Enable Pin (EN)
The EN pin is a logic-level input used to enable or
disable the device switching, and lower the quiescent
current while disabled. A logic high (> 1.4V) will enable
the regulator output. A logic low (<0.4V) will ensure that
the regulator is disabled.
3.5
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source
should
be
decoupled
to
GND
with
a
4.7 µF - 20 µF capacitor, depending on the impedance
of the source and output current. The input capacitor
provides AC current for the power switch and a stable
voltage source for the internal device power. This
capacitor should be connected as close as possible to
the VIN and GND pins. For lighter load applications, a
1 µF X7R or X5R ceramic capacitor can be used.
3.6
Switch Pin (SW)
The switch node pin is connected internally to the
N-channel switch, and externally to the SW node
consisting of the inductor and Schottky diode. The SW
node can rise very fast as a result of the internal switch
turning on. The external Schottky diode should be
connected close to the SW node and GND.
TABLE 3-1:
PIN FUNCTION TABLE
MCP16301
SOT-23
Symbol
Description
1
BOOST
Boost voltage that drives the internal NMOS control switch. A bootstrap capacitor is
connected between the BOOST and SW pins.
2
GND
Ground Pin
3
VFB
Output voltage feedback pin. Connect VFB to an external resistor divider to set the
output voltage.
4
EN
Enable pin. Logic high enables the operation. Do not allow this pin to float.
5
VIN
Input supply voltage pin for power and internal biasing.
6
SW
Output switch node, connects to the inductor, freewheeling diode and the bootstrap
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com