Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF-335KB Arkusz danych(PDF) 33 Page - NEC

Numer części LF-335KB
Szczegółowy opis  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

LF-335KB Arkusz danych(HTML) 33 Page - NEC

Back Button LF-335KB Datasheet HTML 29Page - NEC LF-335KB Datasheet HTML 30Page - NEC LF-335KB Datasheet HTML 31Page - NEC LF-335KB Datasheet HTML 32Page - NEC LF-335KB Datasheet HTML 33Page - NEC LF-335KB Datasheet HTML 34Page - NEC LF-335KB Datasheet HTML 35Page - NEC LF-335KB Datasheet HTML 36Page - NEC LF-335KB Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
Noise Filters VOL.11
33
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
GF-205U
100
80
60
40
20
0
GF-210U
GF-205E
GF-220U
Frequency (MHz)
Common mode
0.2
0.4
0.8 1
2
6
4
8 10
20
30
Attenuation (Static Characteristics)
53max.
16
16
4.8 6.8*
4.8ø
5-M4
10
29.0
17
53.0max
89
10
2-4.5ø
32max.
25
5 Faston® tab #250
*4.8ø for UL devices
Label
Label
E
E
bGE Series (Except Type E)
bGF-E Type
*Recommended torque (N・m) max. ◆Line terminal (M4: 0.78)
◆Earth terminal (M4: 1.18)
Shape and Dimensions
IN
E
Circuit Diagram
bCommon mode
P
Z0
Z0
P: Power divider
Z 0 : 50
EMI/EMC
filter
Measuring Circuit
GF Series
[RoHS Compliant]
GF Series
[RoHS Compliant]
GF-2050
250
5
1500
300
1
1.5
30
–20 to +60
130
GF-205U
250
5
1500
300
1
1.5
30
–20 to +60
UL
130
GF-2100
250
10
1500
300
1
1.5
30
–20 to +60
140
GF-210U
250
10
1500
300
1
1.5
30
–20 to +60
UL
140
GF-2150
250
15
1500
300
1
1.5
30
–20 to +60
140
GF-2200
250
20
1500
300
1
1.5
30
–20 to +60
150
GF-220U
250
20
1500
300
1
1.5
30
–20 to +60
UL
150
GF-205E
250
5
1500
300
1
1.5
30
–20 to +55 UL, CSA
130
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com