Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF-335KB Arkusz danych(PDF) 36 Page - NEC

Numer części LF-335KB
Szczegółowy opis  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

LF-335KB Arkusz danych(HTML) 36 Page - NEC

Back Button LF-335KB Datasheet HTML 32Page - NEC LF-335KB Datasheet HTML 33Page - NEC LF-335KB Datasheet HTML 34Page - NEC LF-335KB Datasheet HTML 35Page - NEC LF-335KB Datasheet HTML 36Page - NEC LF-335KB Datasheet HTML 37Page - NEC LF-335KB Datasheet HTML 38Page - NEC LF-335KB Datasheet HTML 39Page - NEC LF-335KB Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Noise Filters VOL.11
36
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
bVC-210FA
bVC-215F3V
Label
Label
4-Faston® tab terminal #250
E
M8
B
A
C
D
M8
E
A
B
C
D
4-Faston® tab terminal #250
*Faston® is a registered trademark of Tyco Electronics AMP.
*Recommended torque (N・m) max. ◆Earth terminal (M8: 4.41)
Shape and Dimensions
Caution: E represents a case.
IN
bVC Series
E
Circuit Diagram
P
Z0
Z0
P: Power divider Z 0 : 50
Z0 : 50
Z0
Z0
Z0
EMI/EMC
filter
EMI/EMC
filter
bCommon mode
bNormal mode
Measuring Circuit
VC Series
[RoHS Compliant]
VC Series
[RoHS Compliant]
VC-210FA
250
10
1500
300
1.5
1
40
–20 to +55
VDE
130
VC-215F3V
250
15
1500
300
1.5
1
40
–20 to +55
TÜV
110
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature
temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
Model
A
B
C
D
VC-210FA
12
70
12
38
VC-215F3V
12
60
12
38
Normal mode
70
60
50
40
30
20
10
0
Common mode
Frequency (MHz)
bVC-210FA
0.1
0.3 0.5
1
3
5
10
30
Attenuation (Static Characteristics)
[mm]
Casing Type
Metal cylinder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com