Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF-335KB Arkusz danych(PDF) 34 Page - NEC

Numer części LF-335KB
Szczegółowy opis  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

LF-335KB Arkusz danych(HTML) 34 Page - NEC

Back Button LF-335KB Datasheet HTML 30Page - NEC LF-335KB Datasheet HTML 31Page - NEC LF-335KB Datasheet HTML 32Page - NEC LF-335KB Datasheet HTML 33Page - NEC LF-335KB Datasheet HTML 34Page - NEC LF-335KB Datasheet HTML 35Page - NEC LF-335KB Datasheet HTML 36Page - NEC LF-335KB Datasheet HTML 37Page - NEC LF-335KB Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Noise Filters VOL.11
34
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
bVU-215F, VU-215F3, VU-220F, 210FA
bVU-215FE
B
AC
D
M8 1.25
4-Faston® tab terminal#250
M8 1.25
B
AC
D
E
*Faston® is a registered trademark of Tyco Electronics AMP.
Label
4-Faston® tab terminal#250
Label
E
*Recommended torque (N・m) max. ◆Earth terminal (M8: 4.41)
Shape and Dimensions
IN
E
IN
IN
E
Caution: E represents a screw installation portion (M8).
bVU-210FA, 215F, 220F
bVU-215FE
bVU-215F3
Circuit Diagram
VU Series
[RoHS Compliant]
VU Series
[RoHS Compliant]
VU-210FA
250
10
1500
300
1
1.5
40
–25 to +55
UL, CSA
130
VU-215F
250
15
1500
300
1
1.5
40
–25 to +55
UL, CSA
130
VU-215F3
250
15
1500
300
1
1.5
40
–25 to +55
UL, CSA
105
VU-215FE
250
15
1500
300
1
1.5
40
–25 to +55
UL, CSA
130
VU-220F
250
20
1500
300
1
1.5
40
–25 to +55
UL, CSA, TÜV
240
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
Model
A
B
C
D
VU-215F
12
50
12
38
VU-215F3
12
40
13
45
VU-215FE
12
50
12
38
VU-220F, 210FA
12
50
12
50
[mm]
Casing Type
Metal cylinder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com