Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF-335KB Arkusz danych(PDF) 46 Page - NEC

Numer części LF-335KB
Szczegółowy opis  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

LF-335KB Arkusz danych(HTML) 46 Page - NEC

Back Button LF-335KB Datasheet HTML 42Page - NEC LF-335KB Datasheet HTML 43Page - NEC LF-335KB Datasheet HTML 44Page - NEC LF-335KB Datasheet HTML 45Page - NEC LF-335KB Datasheet HTML 46Page - NEC LF-335KB Datasheet HTML 47Page - NEC LF-335KB Datasheet HTML 48Page - NEC LF-335KB Datasheet HTML 49Page - NEC LF-335KB Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Noise Filters VOL.11
46
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Inlet Type
bGL-F FV FVP Type
(Inlet side)
(Soldered terminal side)
bGL-FVP-XL
(Inlet side)
(Soldered terminal side)
Circuit Diagram
E
E
IN
E
E
IN
Measuring Circuit
bCommon mode
bNormal mode
P
Z0
Z0
P: Power divider
Z0 : 50
Z0 : 50
Z0
Z0
Z0
EMI/EMC
filter
EMI/EMC
filter
Attenuation (Static Characteristics)
50
45
40
35
30
25
20
15
10
15
0
Frequency (MHz)
0.1
1
10
100
GL-2080-FVP
GL-2030F
Normal mode
100
90
80
70
60
50
40
30
20
10
0
GL-2030 FV
Common mode
GL-2030F Common mode
GL-2030FV Normal mode
Frequency (MHz)
0.1
0.2
0.5
1.0
5.0
10
20
50
GL-2030F/2030FV
100
90
80
70
60
50
40
30
20
10
0
Frequency (MHz)
0.1
0.2
0.5
1.0
5.0
10
20
50
bGL-2060FVP-XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com