Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN-732 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AN-732
Szczegółowy opis  Universal Precision Op Amp Evaluation Board in SOIC Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AN-732 Arkusz danych(HTML) 4 Page - Analog Devices

  AN-732 Datasheet HTML 1Page - Analog Devices AN-732 Datasheet HTML 2Page - Analog Devices AN-732 Datasheet HTML 3Page - Analog Devices AN-732 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
–4–
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
AN-732
TIME (10 s/DIV)
RL = 10k
CL = 500pF
RS = 100
CS = 1nF
Figure 11. Capacitive Load Drive with the Snubber
Snubber Network
Another way to stabilize an op amp driving a capacitive
load is with the use of a snubber, as shown in Figure 9.
This method presents the significant advantage of not
reducing the output swing because there is not any
isolation resistor in the signal path. Also, the use of
the snubber does not degrade the gain accuracy or
cause extra distortion when driving a nonlinear load.
The exact RS and CS combinations can be determined
experimentally.
7
4
3
6
2
V+
V–
C7
C1
C9
*R2
C2
C5
R3
RT1
DUT
R5
RS
CL
CS
RL
*R4
R6
C6
*R1
*C8
R7
R9
*RO
*RO1
*RO2
R8
V1
V2
0
G1
R10
VEE
C11
*R12
G4
C10
G3
VCC
G5
VO
*THESE COMPONENTS ARE BY DEFAULT
SHORTED WITH A SMALL COPPER
STRAP BETWEEN THE MOUNTING PADS.
TO USE THE COMPONENT MOUNTING
LOCATION, SIMPLY REMOVE THE STRAP
WITH A CUTTING UTENSIL (DREMEL
CUTTING TIP, EXACTO BLADE, ETC.)
ALL PASSIVE COMPONENT MOUNTING
LOCATIONS CAN ACCOMMODATE 0805 TO 2512
SIZED SURFACE MOUNT PACKAGES, 1/2" SPACED
LEADED RESISTORS AND 0.3" SPACED
LEADED CAPACITORS
RT2
0
G2
*R11
Figure 12. EVAL-PRAOPAMP-1R Electrical Schematic
Figure 13. EVAL-PRAOPAMP-1R Board Layout Patterns
REV. A



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com