Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN-732 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AN-732
Szczegółowy opis  Universal Precision Op Amp Evaluation Board in SOIC Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AN-732 Arkusz danych(HTML) 2 Page - Analog Devices

  AN-732 Datasheet HTML 1Page - Analog Devices AN-732 Datasheet HTML 2Page - Analog Devices AN-732 Datasheet HTML 3Page - Analog Devices AN-732 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
–2–
AN-732
The algebraic sum of these two components should be
equal to VOUT. By applying the principles expressed in
the output voltage VOUT components, and by letting R4
= R2 and R7 = R6, then:
VOUT1 = VIN1 R7/R2
VOUT2 = –VIN2 R7/R2
VOUT = VOUT1 + VOUT2 = ( VIN1 – VIN2) R7/R1
Difference amplifiers are commonly used in high
accuracy circuits to improve the common-mode rejec-
tion ratio, typically known as CMRR.
For this type of application, CMRR depends upon how
tightly matched resistors are used; poorly matched resis-
tors result in a low value of CMRR.
To see how this works, consider a hypothetical source
of error for resistor R7 (1 – error). Using the superposi-
tion principle and letting R4 = R2 and R7 = R6, the output
voltage would be as follows:
V
R
R
RR
RR
error
VD
R
RR
error
OUT
=
+
+


×
+
+
×


7
2
1
22 7
27
2
7
27
VV
V
DD
IN
IN
=−
21
From this equation, ACM and ADM can be defined as
follows:
ACM = R7/(R7 – R2)
error
ADM = R7/R2
{1 – [(R2+2R7/R2+R7)
error/2]}
These equations demonstrate that when there is not an
error in the resistor values, the ACM = 0 and the amplifier
responds only to the differential voltage being applied to
its inputs; under these conditions, the CMRR of the circuit
becomes highly dependent on the CMRR of the amplifier
selected for this job.
As mentioned above, errors introduced by resistor
mismatch can be a big drawback of discrete differential
amplifiers, but there are different ways to optimize this
circuit configuration:
1. The differential gain is directly related to the ratio R7/
R2; therefore, one way to optimize the performance
of this circuit is to place the amplifier in a high gain
configuration. When larger values for resistors R7 and
R6 and smaller values for resistors R2 and R4 are se-
lected, the higher the gain, the higher the CMRR. For
example, when R7 = R6 = 10 k , and R2 = R4 = 1 k , and
error = 0.1%, CMRR improves to better than 80 dB. For
high gain configuration, select amplifiers with very
low IBIAS and very high gain (such as the AD8551,
AD8571, AD8603, and AD8605) to reduce errors.
2. Select resistors that have much tighter tolerance and
accuracy. The more closely they are matched, the better
the CMRR. For example, if a CMRR of 90 dB is needed,
then match resistors to approximately 0.02%.
CURRENT-TO-VOLTAGE CONVERTER
Current may be measured in two ways with an opera-
tional amplifier. Current can be converted to a voltage
with a resistor and then amplified or injected directly
into a summing node.
VOUT
R7
R6
IIN1
VOUT =IIN1 R7
Figure 3. Current-to-Voltage Converter
Figure 3 is a typical representation of a current-to-voltage
transducer. The input current is fed directly into the sum-
ming node and the amplifier output voltage changes to
exactly the same current from the summing node through
R7. The scale factor of this circuit is R7 volts per amps.
The only conversion error in this circuit is IBIAS, which is
summed algebraically with IIN1.
VOUT
R7
R9
R4
C9
V–
V+
Figure 4. Bistable Multivibrator
L+
L–
BL+=VTH
BL–=VTL
Figure 5. Output Response
GENERATION OF SQUARE WAVEFORMS USING A
BISTABLE MULTIVIBRATOR
A square waveform can be simply generated by arrang-
ing the amplifier for a bistable multivibrator to switch
states periodically as Figure 5 shows.
Once the output of the amplifier reaches one of two pos-
sible levels, such as L+, capacitor C9 charges toward this
level through resistor R7. The voltage across C9, which
is applied to the negative input terminal of the ampli-
fier denoted as V–, then rises exponentially toward L+
with a time constant
= C9R7. Meanwhile, the voltage
REV. A



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com