Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN-732 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AN-732
Szczegółowy opis  Universal Precision Op Amp Evaluation Board in SOIC Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AN-732 Arkusz danych(HTML) 3 Page - Analog Devices

  AN-732 Datasheet HTML 1Page - Analog Devices AN-732 Datasheet HTML 2Page - Analog Devices AN-732 Datasheet HTML 3Page - Analog Devices AN-732 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
–3–
AN-732
at the positive input terminal of the amplifier, denoted as
V+ = BL+. This continues until the capacitor voltage
reaches the positive threshold VTH, at which point
the bistable multivibrator switches to the other stable
state in which VO = L– and V+ = BL–. This is shown in
Figure 5.
The capacitor then begins to discharge, and its voltage,
V–, decreases exponentially toward L–. This continues
until V– reaches the negative threshold VTL, at which time
the bistable multivibrator switches to the positive output
state, and the cycle repeats itself.
It is important to note that the frequency of the square
wave being generated, fO, depends only on the external
components being used. Any variation in L+ will cause
V+ to vary in proportion, ensuring the same transition
time and the same oscillation frequency. The maximum
operating frequency is determined by the amplifier
speed, which can be increased significantly by using
faster devices.
The lowest operating frequency depends on the practical
upper limits set by R7 and C9.
Using the name convention outlined on the PRA OPAMP
evaluation board, the circuit should be connected as
follows:
B = R4/(R4 + R9); feedback factor (noninverting input)
T = 2R7
C9
ln((1 + B)/(1 – B)); period of oscillation
fO = 1/T; oscillation frequency
VOUT
VIN
R02
CL
RL
Figure 6. Series Resistor Compensation
GND
TIME (10 s/DIV)
RL = 10k
CL = 2nF
Figure 7. Capacitive Load Drive Without Resistor
GND
TIME (10 s/DIV)
RL = 10k
CL = 2nF
Figure 8. Capacitive Load Drive with Resistor
EXTERNAL COMPENSATION TECHNIQUES
Series Resistor Compensation
The use of external compensation networks may be
required to optimize certain applications. Figure 6 is a
typical representation of a series resistor compensa-
tion for stabilizing an op amp driving capacitive load. The
stabilizing effect of the series resistor isolates the op amp
output and the feedback network from the capacitive
load. The required amount of series resistance depends
on the part used, but values of 5
to 50
are usually
sufficient to prevent local resonance. The disadvantages
of this technique are a reduction in gain accuracy and
extra distortion when driving nonlinear loads.
VOUT
VIN
CL
RL
RS
CS
Figure 9. Snubber Network
GND
TIME (10 s/DIV)
Figure 10. Capacitive Load Drive Without Snubber
REV. A



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com