Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN-732 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AN-732
Szczegółowy opis  Universal Precision Op Amp Evaluation Board in SOIC Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AN-732 Arkusz danych(HTML) 1 Page - Analog Devices

  AN-732 Datasheet HTML 1Page - Analog Devices AN-732 Datasheet HTML 2Page - Analog Devices AN-732 Datasheet HTML 3Page - Analog Devices AN-732 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AN-732
APPLICATION NOTE
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106 • Tel: 781/329-4700 • Fax: 781/326-8703 • www.analog.com
INTRODUCTION
The EVAL-PRAOPAMP-1R is an evaluation board which
accommodates single op amps in SOIC packages. It is
meant to provide the user with multiple choices and
extensive flexibility for different applications circuits
and configurations. This board is not intended to be
used with high frequency components or high speed
amplifiers. However, it provides the user with many
combinations for various circuit types including active
filters, differential amplifiers, and external frequency
compensation circuits. A few examples of application
circuits are given in this application note.
RELATIVE FREQUENCY
f
–20
0
40
20
60
10f
100f
1000f
10000f
fC
fL
R7/R2 = 100
VOUT
R7
R2
R6
C7
VIN
Figure 1. Simple Low-Pass Filter
Universal Precision Op Amp Evaluation Board in SOIC Package
by Giampaolo Marino, Soufiane Bendaoud, and Steve Ranta
LOW-PASS FILTER
Figure 1 is a typical representation of a first-order low-
pass filter. This circuit has a 6 dB per octave roll- off
after a close-loop –3 dB point defined by fC. Gain below
this frequency is defined as the magnitude of R7 to R2.
The circuit might be considered as an ac integrator for
frequencies well above fC; however, the time domain
response is that of a single RC, rather than an integral.
fC = 1/(2
R7
C7); –3 dB frequency
fL = 1/(2
R2
C7); unity gain frequency
Acl = – (R7/R2); close loop gain
R6 should be chosen equal to the parallel combination
between R7 and R2 in order to minimize errors due to
bias currents.
VOUT
R7
R2
R4
R6
VIN1
VIN2
Figure 2. Difference Amplifier
DIFFERENCE AMPLIFIER AND PERFORMANCE
OPTIMIZATION
Figure 2 shows an op amp configured as a difference
amplifier. The difference amplifier is the complement
of the summing amplifier, and allows the subtraction
of two voltages or the cancellation of a signal common
to both inputs. The circuit shown in Figure 2 is useful
as a computational amplifier in making a differential
to single-ended conversion or in rejecting a common-
mode signal. The output voltage VOUT is comprised of
two separate components:
1. A component VOUT1 due to VIN1 acting alone (VIN2
short-circuited to ground.)
2. A component VOUT2 due to VIN2 acting alone (VIN1
short-circuited to ground.)
REV. A


Podobny numer części - AN-732

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AN-733 AD-AN-733 Datasheet
631Kb / 4P
Universal Precision Op Amp Evaluation Board in MSOP Package
REV. A
AN-735 AD-AN-735 Datasheet
390Kb / 4P
Universal Precision Op Amp Evaluation Board in SOT-23 Package
REV. A
More results

Podobny opis - AN-732

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
OPAMP1EVB ONSEMI-OPAMP1EVB Datasheet
96Kb / 8P
Op Amp Evaluation Board Manual SOT23, SC70, and SOIC8 Package
July, 2005 ??Rev. 0
OPAMP3EVB ONSEMI-OPAMP3EVB Datasheet
129Kb / 12P
Op Amp Evaluation Board Manual TSSOP-16 Package
September, 2005 ??Rev. 0
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Analog Devices
AN-763 AD-AN-763 Datasheet
348Kb / 4P
Dual Universal Precision Op Amp Evaluation Board
REV. B
UG-129 AD-UG-129 Datasheet
214Kb / 8P
Universal Evaluation Board for Dual High Speed Op Amps in MSOP Packages
REV. 0
AN-733 AD-AN-733 Datasheet
631Kb / 4P
Universal Precision Op Amp Evaluation Board in MSOP Package
REV. A
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
National Semiconductor ...
CLC730131 NSC-CLC730131 Datasheet
322Kb / 8P
Quad TSSOP Op Amp Evaluation Board
CLC730231 NSC-CLC730231 Datasheet
192Kb / 5P
Quad High Speed SOIC Op Amp Evaluation Board
logo
STMicroelectronics
STEVAL-CCA036V1 STMICROELECTRONICS-STEVAL-CCA036V1 Datasheet
109Kb / 4P
Demonstration board for single channel op-amp in SO8 package
June 2013 Rev 1
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com