Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATTL7591AS Arkusz danych(PDF) 1 Page - Agere Systems

Numer części ATTL7591AS
Szczegółowy opis  Subscriber Line Interface Circuit Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AGERE [Agere Systems]
Strona internetowa  
Logo AGERE - Agere Systems

ATTL7591AS Arkusz danych(HTML) 1 Page - Agere Systems

  ATTL7591AS Datasheet HTML 1Page - Agere Systems ATTL7591AS Datasheet HTML 2Page - Agere Systems ATTL7591AS Datasheet HTML 3Page - Agere Systems ATTL7591AS Datasheet HTML 4Page - Agere Systems ATTL7591AS Datasheet HTML 5Page - Agere Systems ATTL7591AS Datasheet HTML 6Page - Agere Systems ATTL7591AS Datasheet HTML 7Page - Agere Systems ATTL7591AS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
October 1997
L7591 Subscriber Line Interface Circuit Protector
Features
s
Shunts lightning pulses to ground
— Positive or negative 30 A, 10 x 1000
µs
— Positive or negative 40 A, 5 x 320
µs
— Positive or negative 80 A, 2 x 10
µs
s
Power-cross protection
— 3.5 APEAK, 50 Hz to 60 Hz, 1 s
— 5.0 APEAK, 50 Hz to 60 Hz, 10 ms
s
Gate trigger current, 15 mA max
s
Up to –80 V capability
s
Holding current, 150 mA min
Pin Information
Table 1. Pin Description
(Applies to DIP and SONB packages)
Note: Pins 1 and 4 must always be connected to the protection
resistors shown in Figures 4 and 5 (Line Feed Circuitry). The
SLIC can be connected either to the protected outputs (pins
5 and 8) or to the inputs (pins 1 and 4).
Description
The L7591 Subscriber Line Interface Circuit (SLIC)
Protector is designed to protect line-feed circuitry
from fault-induced lightning and power-cross surge
pulses. If a fault current forces TIP and/or RING to a
more negative voltage than VS, current is conducted
through the trip circuit. When the specified trip cur-
rent level is reached, transistors PNPN1 and/or
PNPN2 will turn on and "crowbar" the majority of the
current to ground. If similar pulses force TIP and/or
RING to a more positive state than ground, diodes
D1 and/or D2 will conduct the pulse to ground. The
L7591 SLIC Protector is available in an 8-pin, plastic
DIP (L7591AB) and in an 8-pin, plastic SONB pack-
age (L7591AS).
12-1590 (C)
Figure 1. Functional and Pin Diagram
Pin
Symbol
Name/Function
1
TIP
Tip signal from customer.
2VS
Supply voltage to gate
(–20 V to –80 V).
3
—
Test Point, do not use.
4
RING
Ring signal from customer.
5
PR
Protected ring signal to line-feed-
circuitry.
6
GND
Device ground/fault current
return.
7
GND
Device ground/fault current
return.
8
PT
Protected tip signal to line-feed
circuitry.
1
2
3
4
8
7
6
5
TIP
VS
TEST
POINT
RING
PT
GND
GND
PR
PNPN1
PNPN2
D1
D2
TRIP
CIRCUIT
TRIP
CIRCUIT


Podobny numer części - ATTL7591AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ATTL7591AS ETC1-ATTL7591AS Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
More results

Podobny opis - ATTL7591AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com