Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATTL7591AS Arkusz danych(PDF) 5 Page - Agere Systems

Numer części ATTL7591AS
Szczegółowy opis  Subscriber Line Interface Circuit Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AGERE [Agere Systems]
Strona internetowa  
Logo AGERE - Agere Systems

ATTL7591AS Arkusz danych(HTML) 5 Page - Agere Systems

  ATTL7591AS Datasheet HTML 1Page - Agere Systems ATTL7591AS Datasheet HTML 2Page - Agere Systems ATTL7591AS Datasheet HTML 3Page - Agere Systems ATTL7591AS Datasheet HTML 4Page - Agere Systems ATTL7591AS Datasheet HTML 5Page - Agere Systems ATTL7591AS Datasheet HTML 6Page - Agere Systems ATTL7591AS Datasheet HTML 7Page - Agere Systems ATTL7591AS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Lucent Technologies Inc.
5
Data Sheet
October 1997
L7591 Subscriber Line Interface Circuit Protector
Applications
12-1632 (C)
RPT and RPR must be properly selected for proper operation and/or response.
Figure 4. Standard Configuration
12-1596 (C)
Figure 5. Test Circuit
12-1598 (C)
*An example device is Lucent Technologies Microelectronics Group’s LB1276 High Balance SLIC.
Figure 6. Fully Protected Electronic TIP-RING Interface (Not all devices needed in all applications)
1
2
3
4
8
7
6
5
TRIP
CIRCUIT
TRIP
CIRCUIT
–VS
PROTECTED
TIP
PROTECTED
RING
TIP
RING
RPT
RPR
1
2
3
4
8
7
6
5
TRIP
CIRCUIT
TRIP
CIRCUIT
IP
IP
–48 V
VMEAS
VMEAS
BATTERY
FEED*
1
6
7
4
8
2
5
VS
(–20 V TO –80 V)
PTC
CARBON
BLOCK
CARBON
BLOCK
TIP
RING
PTC
RELAYS
L7591AB
SLIC
PROTECTOR



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com