Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATTL7591AS Arkusz danych(PDF) 2 Page - Agere Systems

Numer części ATTL7591AS
Szczegółowy opis  Subscriber Line Interface Circuit Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AGERE [Agere Systems]
Strona internetowa  
Logo AGERE - Agere Systems

ATTL7591AS Arkusz danych(HTML) 2 Page - Agere Systems

  ATTL7591AS Datasheet HTML 1Page - Agere Systems ATTL7591AS Datasheet HTML 2Page - Agere Systems ATTL7591AS Datasheet HTML 3Page - Agere Systems ATTL7591AS Datasheet HTML 4Page - Agere Systems ATTL7591AS Datasheet HTML 5Page - Agere Systems ATTL7591AS Datasheet HTML 6Page - Agere Systems ATTL7591AS Datasheet HTML 7Page - Agere Systems ATTL7591AS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Lucent Technologies Inc.
Data Sheet
October 1997
L7591 Subscriber Line Interface Circuit Protector
Absolute Maximum Ratings (At 25
°C)
Stresses in excess of the Absolute Maximum Ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to Absolute Maximum Ratings for
extended periods can adversely affect the device reliability.
*Pulse Waveform Data:
Figure 2. Pulse Waveform
Parameter
Symbol
Value
Unit
Ambient Operating Temperature
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–40 to +125
°C
Pin Soldering Temperature (t = 15 s max)
—
300
°C
Supply Voltage
VS
–83
V
Peak Pulse Current: * (See Figure 2.)
10 x 1000
µs
5 x 320
µs
2 x 10
µs
—
—
—
30
40
80
A
A
A
Nonrepetitive Peak ON-state Current:
t = 1 s, f = 50 Hz to 60 Hz
t = 10 ms, f = 50 Hz to 60 Hz
—
—
3.5
5
A
A
Maximum Gate Current (Half Sine Wave 10 ms)
—
2
A
Maximum Voltage:
TIP or RING to Gnd
VS to Gnd
—
—
–100
–80
V
V
10 x 1000
µs tr = 10 µs
tp = 1000
µs
5 x 320
µs
tr = 5
µs
tp = 320
µs
2 x 10
µs
tr = 2
µs
tp = 10
µs
% IPP
100
50
0
tr
tp
t



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com