Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATTL7591AS Arkusz danych(PDF) 3 Page - Agere Systems

Numer części ATTL7591AS
Szczegółowy opis  Subscriber Line Interface Circuit Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AGERE [Agere Systems]
Strona internetowa  
Logo AGERE - Agere Systems

ATTL7591AS Arkusz danych(HTML) 3 Page - Agere Systems

  ATTL7591AS Datasheet HTML 1Page - Agere Systems ATTL7591AS Datasheet HTML 2Page - Agere Systems ATTL7591AS Datasheet HTML 3Page - Agere Systems ATTL7591AS Datasheet HTML 4Page - Agere Systems ATTL7591AS Datasheet HTML 5Page - Agere Systems ATTL7591AS Datasheet HTML 6Page - Agere Systems ATTL7591AS Datasheet HTML 7Page - Agere Systems ATTL7591AS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Lucent Technologies Inc.
3
Data Sheet
October 1997
L7591 Subscriber Line Interface Circuit Protector
Electrical Specifications (TA = 25
°C)
The minimum and/or maximum limits specified for the parameters are based on the absolute system. The alge-
braic sign only applies to the direction of the parameter. These requirements apply to either the TIP or RING termi-
nal; however, the device is capable of simultaneous Tip and Ring surges and continuous current, as noted below in
Tip and Ring leads. See Figure 3 and Table 5 for symbol and test condition definition.
Table 2. Electrical Characteristics D1 and D2
Table 3. Electrical Characteristics, PNPN Circuitry
Table 4. Electrical Characteristics, Diode and PNPN Circuitry
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward Voltage
VF
IP = 5 A, tP = 1 ms
—
1.6
3
V
Peak Forward Voltage
VFP
IPP = 30 A, 10 x 1000
µs
—
5.2
15
V
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate Trigger Current
IGT
VS = 48 V
0.2
—
15
mA
Holding Current
IH
tP = 10 ms, VS = 48 V
–150
–250
—
mA
Trip Voltage
VT
dc
—
VS –2.0
VS –2.8
V
Dynamic Trip Voltage
VSGL
IPP = 30 A, VS = –48 V,
10 x 1000
µs
—
–51
–63
V
Reverse Leakage Current:
VS to Tip or Ring
TA = 25
°C
TA = 70
°C
IRG
—
—
VS = –75 V
—
—
—
—
0.12
—
5
50
µA
µA
dv/dt Sensitivity
—
Tip or Ring Lead
±1000
—
—
V/
µs
On-state Voltage:
VON
tP = 1 ms
IT = 0.5 A
—
—
—
–1.3
—
V
IT = 3.0 A
—
—
—
–2.3
—
V
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse Leakage Current:
(Gate Open)
TA = 25
°C
TA = 70
°C
IR
—
—
VR = –85 V
—
—
—
—
0.14
—
5
50
µA
µA
Off-state Capacitance:
VR = –3 V
VR = –48 V
Coff
—
—
f = 1 MHz
—
—
—
—
50
40
—
—
pF
pF



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com