Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L151VD Arkusz danych(PDF) 14 Page - STMicroelectronics

Numer części STM32L151VD
Szczegółowy opis  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Arkusz danych(HTML) 14 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 10Page - STMicroelectronics STM32L151VD Datasheet HTML 11Page - STMicroelectronics STM32L151VD Datasheet HTML 12Page - STMicroelectronics STM32L151VD Datasheet HTML 13Page - STMicroelectronics STM32L151VD Datasheet HTML 14Page - STMicroelectronics STM32L151VD Datasheet HTML 15Page - STMicroelectronics STM32L151VD Datasheet HTML 16Page - STMicroelectronics STM32L151VD Datasheet HTML 17Page - STMicroelectronics STM32L151VD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
Functional overview
STM32L151xD STM32L152xD
14/140
Doc ID 022027 Rev 6
1.
Legend:
AF: alternate function
ADC: analog-to-digital converter
BOR: brown out reset
DMA: direct memory access
DAC: digital-to-analog converter
I²C: inter-integrated circuit multimaster interface
3.1
Low power modes
The ultra-low-power STM32L15xxD supports dynamic voltage scaling to optimize its power
consumption in run mode. The voltage from the internal low-drop regulator that supplies the
logic can be adjusted according to the system’s maximum operating frequency and the
external voltage supply.
There are three power consumption ranges:
●
Range 1 (VDD range limited to 2.0V-3.6V), with the CPU running at up to 32 MHz
●
Range 2 (full VDD range), with a maximum CPU frequency of 16 MHz
●
Range 3 (full VDD range), with a maximum CPU frequency limited to 4 MHz (generated
only with the multispeed internal RC oscillator clock source)
Seven low power modes are provided to achieve the best compromise between low power
consumption, short startup time and available wakeup sources:
●
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt/event occurs. Sleep mode power consumption at
16 MHz is about 1 mA with all peripherals off.
●
Low power run mode
This mode is achieved with the multispeed internal (MSI) RC oscillator set to the
minimum clock (131 kHz), execution from SRAM or Flash memory, and internal
regulator in low power mode to minimize the regulator's operating current. In Low
power run mode, the clock frequency and the number of enabled peripherals are both
limited.
●
Low power sleep mode
This mode is achieved by entering Sleep mode with the internal voltage regulator in
Low power mode to minimize the regulator’s operating current. In Low power sleep
mode, both the clock frequency and the number of enabled peripherals are limited; a
typical example would be to have a timer running at 32 kHz.
When wakeup is triggered by an event or an interrupt, the system reverts to the run
mode with the regulator on.
●
Stop mode with RTC
Stop mode achieves the lowest power consumption while retaining the RAM and
register contents and real time clock. All clocks in the VCORE domain are stopped, the
PLL, MSI RC, HSI RC and HSE crystal oscillators are disabled. The LSE or LSI is still
running. The voltage regulator is in the low power mode.
The device can be woken up from Stop mode by any of the EXTI line, in 8 µs. The EXTI
line source can be one of the 16 external lines. It can be the PVD output, the
Comparator 1 event or Comparator 2 event (if internal reference voltage is on), it can be
the RTC alarm(s), the USB wakeup, the RTC tamper events, the RTC timestamp event
or the RTC wakeup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More