| Zakładka z wyszukiwarką danych komponentów |
|
STM32L151VD Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VD Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 140 page ![]() Functional overview STM32L151xD STM32L152xD 22/140 Doc ID 022027 Rev 6 Figure 2. Clock tree 1. For the USB function to be available, both HSE and PLL must be enabled, with the CPU running at either 24 MHz or 32 MHz. MS18583V1 LSI RC LSE OSC HSI RC HSE OSC @V33 @VDDCORE @V33 level shifters level shifters RTC PLL X 3,4,6,8,12 @V33 level shifters LSE tempo 1 MHz clock detector @V33 LS Watchdog ck_pllin source control Clock Watchdog enable RTC enable ck_hsi ck_hse HSE present or not LSI tempo ck_pll AHB prescaler / 1,2,..512 APB2 / 1,2,4,8,16 APB1 / 1,2,4,8,16 ck_usb = Vco / 2 (Vco must be at 96 MHz) / 8 CK_TIMSYS CK_CPU CK_FCLK CK_PWR CK_USB48 CK_TIMTGO CK_APB1 CK_APB2 usben and (not deepsleep) timer9en and (not deepsleep) apb1 periphen and (not deepsleep) apb2 periphen and (not deepsleep) not (sleep or deepsleep) not (sleep or deepsleep not deepsleep not deepsleep Standby supplied voltage domain System clock MCO if (APB1 presc = 1)x1 else x2 16,24,32,48 ck_lse CK_LCD / 2, 3, 4 1 MHz @VDDCORE @VDDCORE @VDDCORE / 1,2,4,8,16 LCD enable MSI RC @V33 @VDDCORE level shifters ck_msi ck_lsi CK_ADC ADC enable LS LS LS LS LS LS / 2,4,8,16 prescaler prescaler |