| Zakładka z wyszukiwarką danych komponentów |
|
STM32L151VD Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VD Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 140 page ![]() Functional overview STM32L151xD STM32L152xD 16/140 Doc ID 022027 Rev 6 Table 3. Functionalities depending on the operating power supply range Functionalities depending on the operating power supply range Operating power supply range DAC and ADC operation USB Dynamic voltage scaling range I/O operation VDD = 1.65 to 1.8 V Not functional Not functional Range 2 or range 3 Degraded speed performance VDD = 1.8 to 2.0 V Conversion time up to 500 Ksps Not functional Range 2 or range 3 Degraded speed performance VDD = 2.0 to 2.4 V Conversion time up to 500 Ksps Functional(1) 1. To be USB compliant from the IO voltage standpoint, the minimum VDD is 3.0 V. Range 1, range 2 or range 3 Full speed operation VDD = 2.4 to 3.6 V Conversion time up to 1 Msps Functional(1) Range 1, range 2 or range 3 Full speed operation Table 4. CPU frequency range depending on dynamic voltage scaling CPU frequency range Dynamic voltage scaling range 16 MHz to 32 MHz (1ws) 32 kHz to 16 MHz (0ws) Range 1 8 MHz to 16 MHz (1ws) 32 kHz to 8 MHz (0ws) Range 2 2.1MHz to 4.2 MHz (1ws) 32 kHz to 2.1 MHz (0ws) Range 3 |