Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8847 Arkusz danych(PDF) 21 Page - Active-Semi, Inc

Numer części ACT8847
Szczegółowy opis  Advanced PMU for Multi-core Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Arkusz danych(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8847 Datasheet HTML 17Page - Active-Semi, Inc ACT8847 Datasheet HTML 18Page - Active-Semi, Inc ACT8847 Datasheet HTML 19Page - Active-Semi, Inc ACT8847 Datasheet HTML 20Page - Active-Semi, Inc ACT8847 Datasheet HTML 21Page - Active-Semi, Inc ACT8847 Datasheet HTML 22Page - Active-Semi, Inc ACT8847 Datasheet HTML 23Page - Active-Semi, Inc ACT8847 Datasheet HTML 24Page - Active-Semi, Inc ACT8847 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ACT8847
Rev 5, 15-Nov-12
Innovative PowerTM
- 21 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, unless otherwise specified.)
Startup of OUT6/4/2/3
Startup of OUT5/7/1/12
Startup of OUT3/5/7/12
Startup of OUT11/10/8/9
Temperature (°C)
-40
-20
0
20
40
60
80
100
140
120
VREF vs. Temperature
1.200
1.196
1.192
1.188
1.184
1.204
Frequency vs. Temperature
2.320
2.300
2.280
2.260
2.240
2.220
2.200
2.180
2.340
2.360
Temperature (°C)
-40
-20
0
20
40
60
80
100
140
120
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1: VOUT5, 1V/div
CH2: VOUT7, 2V/div
CH3: VOUT1, 1V/div
CH4: VOUT12, 2V/div
TIME: 400µs/div
CH1: VOUT6, 1V/div
CH2: VOUT4, 1V/div
CH3: VOUT2, 1V/div
CH4: VOUT3, 1V/div
TIME: 400µs/div
CH1: VOUT3, 1V/div
CH2: VOUT5, 1V/div
CH3: VOUT7, 2V/div
CH4: VOUT12, 1V/div
TIME: 200µs/div
CH1: VOUT11, 1V/div
CH2: VOUT10, 1V/div
CH3: VOUT8, 500mV/div
CH4: VOUT9, 2V/div
TIME: 400µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com