Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8847 Arkusz danych(PDF) 26 Page - Active-Semi, Inc

Numer części ACT8847
Szczegółowy opis  Advanced PMU for Multi-core Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Arkusz danych(HTML) 26 Page - Active-Semi, Inc

Back Button ACT8847 Datasheet HTML 22Page - Active-Semi, Inc ACT8847 Datasheet HTML 23Page - Active-Semi, Inc ACT8847 Datasheet HTML 24Page - Active-Semi, Inc ACT8847 Datasheet HTML 25Page - Active-Semi, Inc ACT8847 Datasheet HTML 26Page - Active-Semi, Inc ACT8847 Datasheet HTML 27Page - Active-Semi, Inc ACT8847 Datasheet HTML 28Page - Active-Semi, Inc ACT8847 Datasheet HTML 29Page - Active-Semi, Inc ACT8847 Datasheet HTML 30Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
ACT8847
Rev 5, 15-Nov-12
Innovative PowerTM
- 26 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(TA = 25°C, unless otherwise specified.)
REG10 Dropout Voltage vs. IOUT
REG10 VOUT vs. IOUT
REG11 Dropout Voltage vs. IOUT
REG11 VOUT vs. IOUT
REG12 VOUT vs. IOUT
REG12 Dropout Voltage vs. IOUT
Output Current (mA)
0
50
100
150
200
250
200
150
100
50
0
1.300
1.260
1.220
1.180
1.140
1.000
Output Current (mA)
0
40
80
120
160
200
250
200
150
100
50
0
Output Current (mA)
0
100
200
300
400
Output Current (mA)
0
100
200
300
400
250
200
150
100
50
0
1.200
1.160
1.120
1.080
1.040
1.000
Output Current (mA)
0
50
100
150
200
250
300
350
Output Current (mA)
0
50
100
150
200
250
300
350
1.900
1.860
1.820
1.780
1.740
1.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com