Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8847 Arkusz danych(PDF) 4 Page - Active-Semi, Inc

Numer części ACT8847
Szczegółowy opis  Advanced PMU for Multi-core Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Arkusz danych(HTML) 4 Page - Active-Semi, Inc

  ACT8847 Datasheet HTML 1Page - Active-Semi, Inc ACT8847 Datasheet HTML 2Page - Active-Semi, Inc ACT8847 Datasheet HTML 3Page - Active-Semi, Inc ACT8847 Datasheet HTML 4Page - Active-Semi, Inc ACT8847 Datasheet HTML 5Page - Active-Semi, Inc ACT8847 Datasheet HTML 6Page - Active-Semi, Inc ACT8847 Datasheet HTML 7Page - Active-Semi, Inc ACT8847 Datasheet HTML 8Page - Active-Semi, Inc ACT8847 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ACT8847
Rev 5, 15-Nov-12
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN66-48)
ORDERING INFORMATION
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
2
: ACT8847QM174-T is dedicated to S5PV310 application.
3
: ACT8847 Data Sheet is described according to ACT8847QM171-T application; please see the Appendix of ACT8847QM211-T for
its specification.
: ACT8847QM401-T and ACT8849QM411-T is the association application for Samsung Exynos 4412/ 4212 platforms; please see the
Appendix of ACT8847QM401-T for its specification.
PART NUMBER
VOUT1 VOUT2 VOUT3 VOUT4 VOUT5 VOUT6 VOUT7 VOUT8 VOUT9 VOUT10 VOUT11 VOUT12 VOUT13
ACT8847QM171-T 1.2V
1.2V
1.1V 1.1V 1.1V
1.1V
3.3V
1.8V
3.3V
1.2V
1.1V
1.8V
1.8V
ACT8847QM211-T 1.3V
1.1V
1.5V OFF OFF
OFF
3.3V
1.8V
2.5V
OFF
2.8V
OFF
3.3V
ACT8847QM401-T 1.05V 1.3V 1.05V 1.0V 1.8V
1.8V
1.8V
3.3V
1.2V
1.1V
1.0V
OFF
1.0V
ACT8849QM411-T 1.2V
1.5V
2.0V 2.8V 1.8V
1.8V
2.8V
1.8V
1.8V
1.0V
1.5V
1.0V No Use
ACT8847QM174-T 1.5V
1.2V
1.1V 1.1V 1.1V
1.1V
3.3V
1.8V
3.3V
1.5V
1.1V
1.8V
1.8V
PACKAGE
PINS TEMPERATURE RANGE
TQFN66-48
48
-40°C to +85°C
ACT8847
EP
GPIO6
nIRQ
nRSTO
PWRHLD
nPBIN
VP1
OUT1
SW1
SW3
SW3
GP3
OUT10
OUT11
INL3
OUT12
VSELR2
nPBSTAT
GP2
SW2
SW2
SW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com