Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8847 Arkusz danych(PDF) 30 Page - Active-Semi, Inc

Numer części ACT8847
Szczegółowy opis  Advanced PMU for Multi-core Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Arkusz danych(HTML) 30 Page - Active-Semi, Inc

Back Button ACT8847 Datasheet HTML 26Page - Active-Semi, Inc ACT8847 Datasheet HTML 27Page - Active-Semi, Inc ACT8847 Datasheet HTML 28Page - Active-Semi, Inc ACT8847 Datasheet HTML 29Page - Active-Semi, Inc ACT8847 Datasheet HTML 30Page - Active-Semi, Inc ACT8847 Datasheet HTML 31Page - Active-Semi, Inc ACT8847 Datasheet HTML 32Page - Active-Semi, Inc ACT8847 Datasheet HTML 33Page - Active-Semi, Inc ACT8847 Datasheet HTML 34Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
ACT8847
Rev 5, 15-Nov-12
Innovative PowerTM
- 30 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Watch-Dog Supervision
The ACT8847 features a watchdog supervisory
function. An internal watchdog timer of 4s is
unmasked by setting either WDSREN[ ] or
WDPCEN [ ] bit to one. Once enabled, the
watchdog timer is reset whenever there is I2C
activity for the PMU. In the case where the system
software stops responding and that there is no I2C
transactions for 4s, the watchdog timer expires. As
a result, the PMU either perform a soft-reset or
power cycle, depending on whether WDSREN [ ] or
WDPCEN [ ] is set.
Software-Initiated Power Cycle
ACT8847 supports software-initiated power cycle.
Once the SIPC[ ] bit is set, the PMU waits for 8ms
and then initiate a power cycle to restart the entire
system.
Figure 3:
Power Control Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com