Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX15096 Arkusz danych(PDF) 9 Page - Maxim Integrated Products

Numer części MAX15096
Szczegółowy opis  Integrated Hot-Swap/Electronic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096 Arkusz danych(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15096 Datasheet HTML 5Page - Maxim Integrated Products MAX15096 Datasheet HTML 6Page - Maxim Integrated Products MAX15096 Datasheet HTML 7Page - Maxim Integrated Products MAX15096 Datasheet HTML 8Page - Maxim Integrated Products MAX15096 Datasheet HTML 9Page - Maxim Integrated Products MAX15096 Datasheet HTML 10Page - Maxim Integrated Products MAX15096 Datasheet HTML 11Page - Maxim Integrated Products MAX15096 Datasheet HTML 12Page - Maxim Integrated Products MAX15096 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Table 1. Timing
TIMING PARAMETER
MIN
TYP
MAX
UNITS
t0
400
μs
t1
100
μs
t2
12
16
20
ms
t3
100
μs
t4
0.5
μs
PRSNT#
100µs DEBOUNCING TIME
100µs FILTER TIME
GATE-OUT
t2
VTH_UV
3V
VTH_REG
SYSTEM IDLE TIME
VTH_OV
DISCHARGING
(MAX15096D)
IDISCHARGE
IN
UVOV
REG
EN
OUT
PG
0.9 x VIN
t1
t0
t3
t4
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
www.maximintegrated.com
Maxim Integrated │ 9
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com