Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX15096 Arkusz danych(PDF) 13 Page - Maxim Integrated Products

Numer części MAX15096
Szczegółowy opis  Integrated Hot-Swap/Electronic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096 Arkusz danych(HTML) 13 Page - Maxim Integrated Products

Back Button MAX15096 Datasheet HTML 7Page - Maxim Integrated Products MAX15096 Datasheet HTML 8Page - Maxim Integrated Products MAX15096 Datasheet HTML 9Page - Maxim Integrated Products MAX15096 Datasheet HTML 10Page - Maxim Integrated Products MAX15096 Datasheet HTML 11Page - Maxim Integrated Products MAX15096 Datasheet HTML 12Page - Maxim Integrated Products MAX15096 Datasheet HTML 13Page - Maxim Integrated Products MAX15096 Datasheet HTML 14Page - Maxim Integrated Products MAX15096 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Thermal Protection
The devices enter a thermal shutdown mode in the event
of overheating caused by excessive power dissipation or
high ambient temperature. When the junction temperature
exceeds TJ = +150°C (typ), the internal thermal protec-
tion circuitry turns off the internal power MOSFET. The
devices recover from thermal shutdown mode once the
junction temperature drops by 20ºC (typ).
IN-to-OUT Short-Circuit Protection
At startup, after all the input conditions are satisfied (UV,
OV, VUVLO), the devices immediately check for IN-to-
OUT short-circuit faults. If VOUT is greater than 90% of
VIN, the internal MOSFET cannot be turned on, then the
MAX15096A autoretries in tRESTART (3.4s typ), while the
MAX15096 latches off.
If VOUT is in the range from 50% to 90% of VIN, then the
internal MOSFET still cannot be turned on after tSU time
elapses. The MAX15096A autoretries in tRESTART, while
the MAX15096 latches off.
Applications Information
Setting the Undervoltage/
Overvoltage Threshold
See Table 4 for options.
Table 3. Additional Delay Settings
Table 4. Setting the Undervoltage/Overvoltage Thresholds
OPTION
RTIMER (kΩ)
RESPONSE TIME (μs)
1
Open
2
2
86.6
2
3
43.2
1
4
21.5
0.5
5
11
0.25
6
0
0.050
OPTION
R1 TABLE (kΩ)
R2 = 10kΩ
OVP
UVP
1
133
17.6
7.9
2
127
16.9
7.5
3
118
15.7
7.0
4
115
15.4
6.9
5
113
15.1
6.8
6
107
14.4
6.4
7
102
13.8
6.2
8
49.9
7.4
3.3
9
46.4
6.9
3.1
10
43.2
6.5
2.9
11
39.2
6.1
2.7
12
33.2
5.3
2.4
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com