Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX15096 Arkusz danych(PDF) 6 Page - Maxim Integrated Products

Numer części MAX15096
Szczegółowy opis  Integrated Hot-Swap/Electronic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096 Arkusz danych(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15096 Datasheet HTML 2Page - Maxim Integrated Products MAX15096 Datasheet HTML 3Page - Maxim Integrated Products MAX15096 Datasheet HTML 4Page - Maxim Integrated Products MAX15096 Datasheet HTML 5Page - Maxim Integrated Products MAX15096 Datasheet HTML 6Page - Maxim Integrated Products MAX15096 Datasheet HTML 7Page - Maxim Integrated Products MAX15096 Datasheet HTML 8Page - Maxim Integrated Products MAX15096 Datasheet HTML 9Page - Maxim Integrated Products MAX15096 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 10.5kΩ, and
TA = +25°C.)
5V/div
10V/div
10V/div
toc11
1s/div
VIN
ILOAD
VGATE
AUTORETRY
FUNCTIONALITY
VOUT
5A/div
CLOAD = 620nF
10V/div
2V/div
10V/div
toc14
2ms/div
VIN
VPG
VGATE
OUTPUT DISCHARGE BEHAVIOR
VOUT
5V/div
COUT =
1060µF
MAX15096D ONLY
10A/div
10V/div
toc08
400µs/div
VOUT
VPG
FAULT-SHUTDOWN WAVEFORMS
OVERLOAD (SHORT CIRCUIT)
ILOAD
10V/div
VGATE
20V/div
0.50
0.51
0.52
0.53
0.54
0.55
0.56
-40
-15
10
35
60
85
TEMPERATURE (°C)
UV RISING/FALLING
THRESHOLD VOLTAGE
vs. TEMPERATURE
toc09
VIN = VCC = 12V
VUV RISING
VUV
FALLING
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
5
10
15
20
25
30
OVERCURRENT(%)
CIRCUIT BREAKER THRESHOLD
TIME vs. OVERCURRENT
toc12
VIN = VCC = 12V
5V/div
500mV/
div
toc10
10ms/div
VUV
VPG
PG ASSERTION DELAY
VOUT
500mV/
div
CGATE =
5.6nF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
-15
10
35
60
85
TEMPERATURE (°C)
FAST COMPARATOR DELAY
vs. TEMPERATURE
toc13
VIN = VCC =
12V
RTIMER = OPEN
RTIMER = 87.3kΩ
RTIMER = 43.67kΩ
RTIMER = 10.9kΩ
RTIMER = 0Ω
RTIMER = 20.84kΩ
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
Maxim Integrated │ 6
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com