Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX15096 Arkusz danych(PDF) 3 Page - Maxim Integrated Products

Numer części MAX15096
Szczegółowy opis  Integrated Hot-Swap/Electronic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096 Arkusz danych(HTML) 3 Page - Maxim Integrated Products

  MAX15096 Datasheet HTML 1Page - Maxim Integrated Products MAX15096 Datasheet HTML 2Page - Maxim Integrated Products MAX15096 Datasheet HTML 3Page - Maxim Integrated Products MAX15096 Datasheet HTML 4Page - Maxim Integrated Products MAX15096 Datasheet HTML 5Page - Maxim Integrated Products MAX15096 Datasheet HTML 6Page - Maxim Integrated Products MAX15096 Datasheet HTML 7Page - Maxim Integrated Products MAX15096 Datasheet HTML 8Page - Maxim Integrated Products MAX15096 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +105°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 10.5kΩ, and
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Slow-Comparator Response Time
(Note 5)
tSCD
0.6% overcurrent
2.7
ms
30% overcurrent
200
µs
CB Source Current
ITHCB_NORM In power-on mode
12
µA
Maximum Current Limit During
Startup
ILIM
(see Figure 2)
0.5 x
ICB_TH
A
Fast-Comparator Threshold
IFC_TH
1.5 x
ICB_TH
A
Fast-Comparator Response Time
tFCD
200
ns
Additional Delay Time by TIMER
tAFCD
RTIMER = open
2
µs
Minimum CB Voltage Reference
During Foldback (Note 6)
VTHCB_MIN VIN - VOUT > 10V, RCB = 41.2kΩ
60
mV
Maximum CB Voltage Reference
During Foldback (Note 6)
VTHCB_MAX VIN - VOUT < 2V, RCB = 41.2kΩ
250
mV
TIMING
Startup Maximum Time Duration
tSU
43
52
61
ms
Autoretry Delay Time
tRESTART
MAX15096A/MAX15096D only
3.4
s
Output Short Detection at Startup
tSHORT
10.4
13.2
15.6
ms
MOSFET
Total On-Resistance
RON
TA = +25°C
12
18
mΩ
TA = -40°C to +105°C
25
GATE Charge Current
IGATE
4.8
5.9
7.1
μA
OUTPUTS
PG Output Low Voltage
VOL
Low-impedance state, IPG = +5mA
0.4
V
PG Output High-Leakage Current
IOH
High-impedance state, VPG = 16V
1
μA
DISCHARGE
Discharge Current After PG
Deasserted
IDISCHARGE
VOUT < 7.1V (MAX15096D only)
50
100
160
mA
VOUT ≥ 7.1V to 18V
(MAX15096D only)
710mW/
VOUT
PG THRESHOLD
PG Threshold
VPG
VIN = 12V
0.9 x
VIN
V
PG Assertion Delay
tPG
From VOUT > VPG and
VGATE - VOUT > 3V
12
16
20
ms
OUT-to-IN Short-Circuit Detection
Threshold
VIOSHT
Measured at VOUT
0.9 x
VIN
V
OUT Preload Threshold
VPL
Measured at VOUT
0.5 x
VIN
V
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com