Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3361 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN3361
Szczegółowy opis  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN3361 Datasheet HTML 3Page - STMicroelectronics AN3361 Datasheet HTML 4Page - STMicroelectronics AN3361 Datasheet HTML 5Page - STMicroelectronics AN3361 Datasheet HTML 6Page - STMicroelectronics AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics AN3361 Datasheet HTML 10Page - STMicroelectronics AN3361 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN3361
Choosing the appropriate Schottky diode
Doc ID 018589 Rev 1
7/15
Figure 6.
Current and voltage at the transient suppressor side (with a 24 V Vbr
clamping device and Vg = 36V)
The equations below apply to the circuit shown in Figure 5.
Equation 1
The calculation of VT0 and Rd is explained in the application note AN604: “Calculation of
conduction losses in a power rectifier”. Values are provided in the datasheets.
Then:
Equation 2
In the example presented in Figure 6 the generator surge voltage (Vg) is 36 V, its internal
series resistor is 0.5
Ω, the battery voltage is 12 V and the protection voltage clamping level
of the protection device is 29.9 V. The diode dynamic resistor Rd is 0.009 Ω.
As VT0<< Vsurge - Vcl the above relation can be simplified to:
Equation 3
So the peak current Ip is equal to 35.56 A.
V
cl
C1
I
p
I
p
Measure
value
status
P1:max(C1)
29.9 V
P2:max(C2)
35.9 V
P3:mean(F1)
P4:rise@Iv(C3)
P5:---
P6:---
max
max
10.0 V/div
-30.20 V ofst
10.0 V/div
-30.20 V ofst
10.0 V/div
-30.00 V ofst
10.0 V/div
-30.00 V ofst
50.0 ms/div
50.0 kS
100 kS/s
50.0 ms/div
50.0 kS
100 kS/s
C2
Stop
16.8 V
Edge
Positive
Stop
16.8 V
Edge
Positive
bat
g
surge
V
V
V
+
=
p
i
p
F
cl
surge
I
R
)
(I
V
V
V
+
+
=
p
d
T0
p
F
·I
R
V
)
(I
V
+
=
i
d
T0
cl
surge
p
R
R
V
V
V
I
+
−
−
=
0.5
0.009
29.9
12)
(36
I
p
+
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com