Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3361 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części AN3361
Szczegółowy opis  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button AN3361 Datasheet HTML 5Page - STMicroelectronics AN3361 Datasheet HTML 6Page - STMicroelectronics AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics AN3361 Datasheet HTML 10Page - STMicroelectronics AN3361 Datasheet HTML 11Page - STMicroelectronics AN3361 Datasheet HTML 12Page - STMicroelectronics AN3361 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN3361
Choosing the appropriate Schottky diode
Doc ID 018589 Rev 1
9/15
Figure 7.
Equivalent sinusoidal surface of clamped load-dump surge surface
In our example the equivalent sinusoidal waveform pulse time duration tsin is 140 ms.
2.1.3
IFSM value versus pulse time
Using the equations:
Equation 9
I4 x t = Cste for tsin>10 ms
I3 x t = Cste for 20 µs <tsin>10 ms
I2 x t = Cste for tsin<20 ms
In the example for the STPS20L60C in Figure 7, as the pulse duration tsin is 140 ms, the
following law from Equation 9 can be used:
Equation 10
Where:
IFSM is the non repetitive forward surge current given in the data sheet.
IFSM @ t sin is the non repetitive forward surge current for a pulse duration tsin.
For the example of Figure 6, the IFSM = 220 A
Equation 11
The equivalent peak current is IFSM@140 ms = 113.73 A.
The peak current delivered by the test system is Ip = 35.56 A and it is less than
IFSM @140 ms. So the STPS20L60C meets the ISO 7637-2 requirements.
t
sin
t1
I0
I0/2
tI0/2
0
0.1
0.2
0
10
20
30
40
I
(t)
surge
I
sin (ti)
t, ti
3
4
FS M
sin
4
FS M @ ts in
10·1 0
I
t
I
−
×
=
×
3
4
3
FSM@140ms
sin
FSM
4
3
4
4
FSM@140ms
140·10
220
10·10
I
t
I
10·10
I
−
−
−
×
=
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com