Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3361 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części AN3361
Szczegółowy opis  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Arkusz danych(HTML) 2 Page - STMicroelectronics

  AN3361 Datasheet HTML 1Page - STMicroelectronics AN3361 Datasheet HTML 2Page - STMicroelectronics AN3361 Datasheet HTML 3Page - STMicroelectronics AN3361 Datasheet HTML 4Page - STMicroelectronics AN3361 Datasheet HTML 5Page - STMicroelectronics AN3361 Datasheet HTML 6Page - STMicroelectronics AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Definition of the electrical transients and tests
AN3361
2/15
Doc ID 018589 Rev 1
1
Definition of the electrical transients and tests
Two ISO standards are applicable to this situation.
●
ISO 16750
●
ISO 7637-2
The ISO 16750 standard defines the variations that automotive power rails may undergo. A
reverse battery connection due to poor maintenance is described as a key condition to be
considered. Electronic modules thus usually have a reverse battery protection device to
guard against this condition. Most of the time this protection consists of a diode in series
that prevents negative current from flowing if the battery connection is reversed (see
Figure 1).
This solution involves a voltage drop across the diode and therefore some power
dissipation. This is why a Schottky diode is preferred as its forward voltage drop is less than
that of a conventional bipolar diode.
Figure 1.
typical schematic of a powered automotive module using a Schottky
diode as reverse battery protection
ISO 7637-2 specifies the methods and procedures to test for compatibility with conducted
electrical transients of equipment installed on passenger cars and commercial vehicles fitted
with 12 V or 24 V electrical systems, whatever the propulsion system (spark ignition or
diesel engine, electric motor). The standard describes bench tests for both the injection and
measurement of transients.
The bench tests consist in applying positive or negative pulses to the modules. The test is
successful if there is no damage on the device. Each pulse models an abnormal behavior.
The most sever cases are given in Table 1.
V F
I F
Battery reverse protection
Electronic module
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com