Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3361 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części AN3361
Szczegółowy opis  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Arkusz danych(HTML) 5 Page - STMicroelectronics

  AN3361 Datasheet HTML 1Page - STMicroelectronics AN3361 Datasheet HTML 2Page - STMicroelectronics AN3361 Datasheet HTML 3Page - STMicroelectronics AN3361 Datasheet HTML 4Page - STMicroelectronics AN3361 Datasheet HTML 5Page - STMicroelectronics AN3361 Datasheet HTML 6Page - STMicroelectronics AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN3361
Definition of the electrical transients and tests
Doc ID 018589 Rev 1
5/15
Pulse 3a (Figure 4) is specified at -150 V but with 50
Ω series resistor and 100 ns duration
which is far less energy than for pulse 1. This means that, if the Schottky diode specification
is compliant with pulse 1, pulse 3a will be covered as well.
Figure 4.
ISO 7637-2 pulse 3a
Table 4.
Parameter values for test pulse 3a
Parameter
12 V system
Us
-112 V to -150 V
Ri
50
Ω
td
0.1 µs
tr
5 ns
t1
100 µs
t4
10 ms
t5
90 ms
U
U
S
S
t
t
t
t
t
4
5
1
d
r
0.1xU
0.9xU
S
S
t
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com