Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3090 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części AN3090
Szczegółowy opis  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button AN3090 Datasheet HTML 2Page - STMicroelectronics AN3090 Datasheet HTML 3Page - STMicroelectronics AN3090 Datasheet HTML 4Page - STMicroelectronics AN3090 Datasheet HTML 5Page - STMicroelectronics AN3090 Datasheet HTML 6Page - STMicroelectronics AN3090 Datasheet HTML 7Page - STMicroelectronics AN3090 Datasheet HTML 8Page - STMicroelectronics AN3090 Datasheet HTML 9Page - STMicroelectronics AN3090 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Normal mode functionality
AN3090
6/19
Doc ID16496 Rev 1
2
Normal mode functionality
During normal operation, the serial data present on the SDI pin is transferred to the shift
register in synchronization with the CLK rising edge. After 16 CLK pulses, the data loaded
on the SDI pin is shifted to the SDO pin with a typical delay of 22 ns, as shown on the plot in
Figure 2.
This delay guarantees the correct synchronization of the CLK and SDI signals if two or more
STP16DPPS05 devices are cascaded.
Figure 2.
Typical data transfer from SDI to SDO
The data present in any register is transferred to the respective latch when the latch-enable
(LE/DM1) signal is high (serial-to-parallel conversion).
After this step, the data is transferred to the outputs via the output-enable pin (OE/DM2),
which turns on the LEDs at the current set by the external resistor.
By changing the OE/DM2 duty cycle, it is possible to set the output dimming if the
application requires slow or fast frame visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com