Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3090 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN3090
Szczegółowy opis  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN3090 Datasheet HTML 1Page - STMicroelectronics AN3090 Datasheet HTML 2Page - STMicroelectronics AN3090 Datasheet HTML 3Page - STMicroelectronics AN3090 Datasheet HTML 4Page - STMicroelectronics AN3090 Datasheet HTML 5Page - STMicroelectronics AN3090 Datasheet HTML 6Page - STMicroelectronics AN3090 Datasheet HTML 7Page - STMicroelectronics AN3090 Datasheet HTML 8Page - STMicroelectronics AN3090 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2009
Doc ID 16496 Rev 1
1/19
AN3090
Application note
Power saving and LED status detection
using the STP16DPPS05 device
Introduction
Today, the use of LEDs is growing in many market segments, including portable
applications, due to their improving performance and lower cost.
This new scenario requires that LED drivers be capable of providing good performance at
low current, and include power saving capabilities.To address these requirements,
STMicroelectronics has introduced the STP16xPPx05 family of LED drivers.
This application note describes the STP16DPPS05 low voltage 16-bit constant current LED
sink driver, with particular focus on two important features: output error detection and auto
power-saving.
www.st.com


Podobny numer części - AN3090

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN3093 STMICROELECTRONICS-AN3093 Datasheet
1Mb / 29P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
11-Jan-2011
AN3094 STMICROELECTRONICS-AN3094 Datasheet
364Kb / 8P
EVAL2293Q demonstration board
06-May-2010
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN3099 STMICROELECTRONICS-AN3099 Datasheet
225Kb / 13P
IBIS models for signal integrity simulation of SPEAr3xx applications
04-Dec-2009
More results

Podobny opis - AN3090

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
USB/Charger and Over-Voltage Detection Device
logo
STMicroelectronics
STP16DPPS05 STMICROELECTRONICS-STP16DPPS05 Datasheet
666Kb / 35P
Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
17-Jun-2014
AN4130 STMICROELECTRONICS-AN4130 Datasheet
3Mb / 41P
LED driver using the HVLED815PF
03-Sep-2012
AN1605 STMICROELECTRONICS-AN1605 Datasheet
93Kb / 7P
USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
Using the output detection feature of the high-brightness
30-Aug-2007
logo
Laird Tech Smart Techno...
LRC-M-IS LSTD-LRC-M-IS Datasheet
1Mb / 3P
Status LEDs for status and feedback
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Maxim Integrated Produc...
MAX14922EVKIT MAXIM-MAX14922EVKIT Datasheet
496Kb / 8P
LED Indication of Status and Fault Conditions
Rev 1; 6/20
logo
Ultralife Corporation.
UCH0037 ULTRALIFE-UCH0037 Datasheet
551Kb / 1P
LED status indicator
Rev A
UKT0039 ULTRALIFE-UKT0039 Datasheet
524Kb / 1P
Status LED display: charge, idle power
REV: A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com