Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4149 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części AN4149
Szczegółowy opis  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 4Page - STMicroelectronics AN4149 Datasheet HTML 5Page - STMicroelectronics AN4149 Datasheet HTML 6Page - STMicroelectronics AN4149 Datasheet HTML 7Page - STMicroelectronics AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics AN4149 Datasheet HTML 10Page - STMicroelectronics AN4149 Datasheet HTML 11Page - STMicroelectronics AN4149 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
CCM PFC using FOT control
AN4149
8/43
DocID023523 Rev 2
However, the frequency rise is significantly lower as compared to that of a transition-mode
(TM) operated boost PFC stage, as illustrated in Figure 7 and 8 .
Due to the peak current vs. average current error which becomes much worse at low current
levels (especially in DCM), the current that the boost PFC pre-regulator draws from the
power line will not be exactly sinusoidal but will be affected by a distortion that will be lower
as the current ripple in the boost inductor is smaller as compared to its peak value.
Figure 9 and 10 show some theoretical waveforms, relevant to full load condition, in a line
cycle at different input voltages.
In Figure 9 the line (input) current waveform is shown for different line voltages, while
Figure 10 illustrates the envelope of the inductor current at minimum and maximum line
voltage.
The input current waveform relevant to Vin = 88 Vac shows no visible sign of distortion; the
operation of the boost inductor is CCM throughout the entire line cycle as shown by the
Figure 7. Typical frequency change along
a line half-cycle in a boost PFC operated
in LM FOT
Figure 8. Typical frequency change along
a line half-cycle in a boost PFC operated
in TM
Figure 9. LM FOT controlled boost PFC:
current waveforms (line current)
Figure 10. LM FOT controlled boost PFC:
current waveforms (boost inductor
current envelope)
AM13306v1
0
0.52
1.05
1.57
2.09
2.62
3.14
0.4
0.6
0.8
1
1.2
1.4
1.6
Vin=88 Vac
Vin=264 Vac
Vin=230 Vac
Line voltage phase angle (rad)
Vin=115 Vac
AM13307v1
0
0.52
1.05
1.57
2.09
2.62
3.14
0
1
2
3
4
5
6
7
8
9
Vin=88 Vac
Vin=264 Vac
Vin=230 Vac
Line voltage phase angle (rad)
Vin=115 Vac
AM13308v1
Line voltage phase angle (rad)
Vin = 88 Vac
Vin = 264 Vac
Vin = 230 Vac
Vin = 190 Vac
Line current
rad)
Vin = 88 Vac
Vin = 264 Vac
Vin = 230 Vac
Vin = 190 Vac
Line current
AM13309v1
Vin = 88 Vac
Vin = 264 Vac
Boost inductor
current envelope
Line voltage phase angle (rad)
Vin = 88 Vac
Vin = 264 Vac
Boost inductor
current envelope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com