Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4149 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN4149
Szczegółowy opis  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 6Page - STMicroelectronics AN4149 Datasheet HTML 7Page - STMicroelectronics AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics AN4149 Datasheet HTML 10Page - STMicroelectronics AN4149 Datasheet HTML 11Page - STMicroelectronics AN4149 Datasheet HTML 12Page - STMicroelectronics AN4149 Datasheet HTML 13Page - STMicroelectronics AN4149 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Designing a CCM FOT-controlled PFC
AN4149
10/43
DocID023523 Rev 2
2
Designing a CCM FOT-controlled PFC
2.1
Input specification
The following is a possible design procedure for a CCM FOT-controlled PFC using the
L4984D. This first part is a detailed specification of the operating conditions of the circuit that
is needed for the calculations of the design steps in the following sections.
In this example a 350 W wide-input range mains PFC circuit has been considered. Some
design criteria are also given.
Mains voltage range (Vacrms) :
Equation 13
Minimum mains frequency:
Equation 14
Rated output power (W):
Equation 15
Typically the output for a boost PFC output voltage is 400 Vdc as it has to be higher than the
maximum rectified input voltage:
Equation 16
In cases where the maximum AC input voltage VACmax is higher than 265 V, as typical in
ballast applications, the output voltage must be set higher accordingly. As a rule of thumb
the output voltage must be set 6 or 7% higher than the maximum input voltage peak.
Regulated DC output voltage (Vdc):
Equation 17
The target efficiency and PF are set for the following calculations based on the operating
condition of the PFC, here at minimum input voltage and maximum load. An efficiency of
92%, at minimum input voltage and maximum load, could be a starting point for a typical
PFC.
Expected efficiency (%):
Equation 18
V
V
AC
90
min
=
V
V
AC
26 5
max
=
Hz
f
l
47
=
W
P
out
350
=
ma x
2
AC
V
⋅
V
V
out
400
=
out
in
P
92%
P
η ==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com