Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4149 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN4149
Szczegółowy opis  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN4149 Datasheet HTML 1Page - STMicroelectronics AN4149 Datasheet HTML 2Page - STMicroelectronics AN4149 Datasheet HTML 3Page - STMicroelectronics AN4149 Datasheet HTML 4Page - STMicroelectronics AN4149 Datasheet HTML 5Page - STMicroelectronics AN4149 Datasheet HTML 6Page - STMicroelectronics AN4149 Datasheet HTML 7Page - STMicroelectronics AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
June 2013
DocID023523 Rev 2
1/43
AN4149
Application note
Designing a CCM PFC pre-regulator based on the L4984D
By Hiroshi Andrea Fusillo
Introduction
Two methods of controlling power factor corrector (PFC) pre-regulators based on boost
topology are currently in use: the fixed-frequency (FF) PWM and the transition mode (TM)
PWM (fixed on-time, variable frequency).
With the first method the boost inductor works in a continuous conduction mode (CCM) and
employs average current-mode control, a relatively complex technique requiring
sophisticated controller ICs (e.g. the L4981A/B from STMicroelectronics) and a
considerable component count.
The second one uses the more simple peak current-mode control and makes the inductor
work on the boundary between continuous and discontinuous mode, which is implemented
with cheaper controller ICs (e.g. the L6562A, L6563x and L6564x from STMicroelectronics),
and much fewer external parts, making it far more cost efficient. For a given power
throughput, TM operation involves higher peak currents compared to FF-CCM (see the
figures below).
This demonstration, consistent with the above-mentioned cost considerations, suggests the
use of TM in a lower power range, while FF-CCM is recommended for higher power levels.
In the power range of around 150-300 W, assessing which approach gives the better cost/
performance trade-off needs to be done on a case-by-case basis, considering the cost and
stress of both power semiconductors and magnetic components, but also of the EMI filter.
At the same power level, the switching frequency component to be filtered out in a TM
system is twice the line current, whereas it is typically 1/3 or 1/4 in a CCM system. In this
document the CCM using a fixed-off-time (FOT) control mode, fully integrated in the
controller, is proposed, coupling simplicity and low port count similar to a TM control. The
design procedure is explained too.
Figure 1. Line and inductor currents in
CCM PFC
Figure 2. Line and inductor currents in TM
PFC
AM13300v1
AM13301v1
www.st.com


Podobny numer części - AN4149

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
Design Guidelines
More results

Podobny opis - AN4149

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
EVL6564H-100W STMICROELECTRONICS-EVL6564H-100W Datasheet
106Kb / 4P
100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
16-Apr-2012
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
400 W FOT-controlled PFC pre-regulator with the L6562A
30-Jul-2008
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN3009 STMICROELECTRONICS-AN3009 Datasheet
552Kb / 36P
How to design a transition mode PFC pre-regulator using the L6564
09-Feb-2011
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563S
06-Sep-2010
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
Solution for designing a fixed off-time controlled PFC pre-regulator
09-Feb-2011
L4984D STMICROELECTRONICS-L4984D Datasheet
5Mb / 35P
CCM PFC controller
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com