Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4149 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN4149
Szczegółowy opis  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN4149 Datasheet HTML 1Page - STMicroelectronics AN4149 Datasheet HTML 2Page - STMicroelectronics AN4149 Datasheet HTML 3Page - STMicroelectronics AN4149 Datasheet HTML 4Page - STMicroelectronics AN4149 Datasheet HTML 5Page - STMicroelectronics AN4149 Datasheet HTML 6Page - STMicroelectronics AN4149 Datasheet HTML 7Page - STMicroelectronics AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
CCM PFC using FOT control
AN4149
4/43
DocID023523 Rev 2
1
CCM PFC using FOT control
Fixed-frequency PWM is not the only alternative when CCM operation is desired. An
additional approach that couples the simplicity and affordability of TM operation with the
high-current capability of CCM operation can be a solution to the problem.
Fixed-frequency PWM modulates both switch ON and OFF times (their sum is constant by
definition), and a given converter operates in either CCM or DCM depending on the input
voltage and the loading conditions. Exactly the same result can be achieved with FOT
approach: a conventional "peak" current mode control, where the ON-time TON of the
external power switch is determined by the peak inductor current reaching the programmed
value and the OFF-time TOFF is determined by a special Fixed-off-time (FOT) modulator in
such a way that the resulting switching period is constant as long as the boost converter is
operated in CCM (i.e. the current in the boost inductor remains greater than zero in a
switching cycle).
In Figure 3 a block diagram of an FOT-controlled CCM PFC pre-regulator is shown. An error
amplifier (VA) compares a portion of the boosted output voltage Vout with a reference VREF
and generates an error signal VC proportional to their difference, a DC voltage by
hypothesis, which is fed into an input of the multiplier block and multiplied by a portion of the
rectified input voltage VMULT.
The multiplier output (VCSREF) is a rectified sine wave whose amplitude is proportional to
that of VMULT and to VC, and is used as a reference for PWM modulation. The multiplier
output is fed into the inverting input of a PWM comparator that, on the non-inverting input,
receives the voltage VCS from the sense resistor Rsense, proportional to the current flowing
through the switch M (typically a MOSFET) and the inductor L during the ON-time of M.
When the two voltages are equal, the comparator resets the PWM latch and M is turned off.
As a result, the multiplier output determines the peak current through the switch and the
inductor, and as, it is a rectified sinusoid, the inductor peak current is also enveloped by a
rectified sinusoid.
When VCSREF and VCS are equal the PWM latch output Q going high activates the timer
that, after a predetermined time in which TOFF has elapsed, sets the PWM latch, therefore
turning the switch on and starting another switching cycle.
If TOFF is such that the inductor current does not fall to zero, the system operates in CCM.
For the CCM PFC controller, please refer to Figure 4.
To understand how TOFF needs to be modulated to achieve a fixed switching frequency
independent of the instantaneous line voltage and the load, it is useful to consider the V·s
balance equation for the boost inductor under the assumption of CCM operation:
Equation 1
where Vpk is the peak line voltage, Vout is the regulated output voltage, and θ is the
instantaneous phase angle of the line voltage. Solving for TON we get:
Equation 2
()
θ
=
θ
sin
Vpk
Vout
T
sin
Vpk
T
OFF
ON
OFF
ON
T
sin
Vpk
Vout
T


θ
=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com