Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2053 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2053
Szczegółowy opis  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2053 Datasheet HTML 3Page - STMicroelectronics AN2053 Datasheet HTML 4Page - STMicroelectronics AN2053 Datasheet HTML 5Page - STMicroelectronics AN2053 Datasheet HTML 6Page - STMicroelectronics AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics AN2053 Datasheet HTML 10Page - STMicroelectronics AN2053 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN2053
Long line protection
Doc ID 10917 Rev 2
7/15
4
Long line protection
The long line concept is used in case of the classic wired telecom network. With this
topology, the core of the system is a huge central office from where many lines connect the
subscribers. In this case the line length can reach several kilometers. This type of subscriber
based on silicon integrated SLIC can be classified in two families:
With external ring signal management
With internal ring signal management
The classical one uses a mechanical relay to manage either ring generation or speech
mode.
Figure 9.
SLIC with external ring signal management
Figure 9 shows the protection circuit of a SLIC with mechanical ring relay. The protection
function is implemented in two stages. One is located between the line and the ring relay,
while the other is located between the ring relay and the SLIC.
The first stage, dedicated to the ring generator protection, supports a three-way protection
(THBTxxx11D for 30 A applications or TLPxxx for 100 A requirements). This stage acts
symmetrically at + or - V (For example +/-200 V) where V is chosen as slightly higher than
the maximum ring voltage trip.
The goal of the second stage is to manage a fine protection level in phase with the
requirements of the high integration technology modern SLIC. This stage must switch on for
a voltage higher than the voltage supply of the SLIC.
The resistors referenced by (**) allow the LCP15xx to manage both 100 A and 50 A
applications when no resistance is permitted at the PTC or fuse stage. In this case, when a
surge occurs the LCP15xx starts to act and before the current becomes too high in the
LCP15xx, the drop voltage across the resistor (**) allows the TLPxxx device to be fired.
Then all the surge current flows through the TLPxx device.
The resistors referenced (*) are not mandatory and are added when the SLIC to be
protected is very sensitive to the latch up phenomena.
SLIC
Ring generator
Tip
Ring
-V bat
Mechanical
relay
THBTxxx11D
or
TLPxxx
PTC or Fuse
PTC or Fuse
(**)
(**)
LCP1521S
(**) Used for 100A version
(*) Not mandatoy
(*)
(*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com