Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2053 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części AN2053
Szczegółowy opis  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Arkusz danych(HTML) 5 Page - STMicroelectronics

  AN2053 Datasheet HTML 1Page - STMicroelectronics AN2053 Datasheet HTML 2Page - STMicroelectronics AN2053 Datasheet HTML 3Page - STMicroelectronics AN2053 Datasheet HTML 4Page - STMicroelectronics AN2053 Datasheet HTML 5Page - STMicroelectronics AN2053 Datasheet HTML 6Page - STMicroelectronics AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN2053
LCP concept
Doc ID 10917 Rev 2
5/15
Figure 6.
Example of PCB layout based on LCP15xx protection
The series resistors Rs1 an Rs2 designed in Figure 5 represent the fuse resistors or the
PTC which are mandatory to withstand the power contact or the power induction tests
imposed by the different country standards. Taking into account this fact, the actual lightning
surge current flowing through the LCP is equal to:
Isurge = Vsurge / (Rg + Rs)
With:
Vsurge = peak surge voltage imposed by the standard
Rg = series resistor of the surge generator
Rs = series resistor of the line card (e.g. PTC)
For a line card with 30
Ω of series resistors which has to be qualified under GR-1089 Core
1000 V, 10/1000 µs surge, the actual current through the LCP1521S is:
Isurge = 1000 / (10 + 30) = 25 A
To
line side
GND
To
SLIC side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com