Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2053 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN2053
Szczegółowy opis  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN2053 Datasheet HTML 1Page - STMicroelectronics AN2053 Datasheet HTML 2Page - STMicroelectronics AN2053 Datasheet HTML 3Page - STMicroelectronics AN2053 Datasheet HTML 4Page - STMicroelectronics AN2053 Datasheet HTML 5Page - STMicroelectronics AN2053 Datasheet HTML 6Page - STMicroelectronics AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN2053
Protect against what?
Doc ID 10917 Rev 2
3/15
Figure 4 shows the ITU-T requirement for both the mains induction and contact test circuits.
This simulation is based on the application of 50/60 Hz through resistance during a
programmed duration (i.e. 0.2 s for induction and 15 min. for contact).
Figure 4.
ITU-T K20 power induction and power contact surge test definition
Table 1 and 2 show the main worldwide lightning surge standards. Table 1 is dedicated to
classical wired telecom line cards while the Table 2 is dedicated to intra-building
applications. The main worldwide standards for the 50/60 Hz disturbances can be defined
by 2 parameters: the applied voltage, between 60 to 1000 V and the test duration, between
0.2 s to 15 min. This type of disturbances obliges the designer to put series elements, like
PTC or a fuse between line and protection devices.
Section 2 presents the protection concept used to protect both short and long lines.
Table 1.
Main line card lightning surge standards
Country
Standard
Surge
voltage (V)
Waveform
Current (A)
Worldwide
ITU-T K20
1500
10/700 µs
37.5
Worldwide
IEC 61000-4-5
1000/4000
10/700 µs
25/100
Worldwide
IEC 61000-4-5
1000/4000
1.2/50 µs
25/100
USA
GR-1089 Core (Telcordia)
2500
2/10 µs
500
USA
GR-1089 Core (Telcordia)
1000
10/1000 µs
100
Table 2.
GR-1089 Core Intra-building lightning surge standard
Test
Surge Voltage (V)
Waveform
Surge Current per
conductor (A)
Repetitions
Each
polarity
1
±800
2/10 µs
100
1
2
±1500
2/10 µs
100
1
K20 power induction surge generator
Surge
generator
A
B E
R = 600
Ω
R = 600
Ω
Uac
Timing circuit
Equipment
under test
K20 power contact surge generator
A
B E
Uac
Timing circuit
S
T1
T2
10
Ω
10
Ω
160
Ω
160
Ω
600
Ω
600
Ω
Equipment
under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com