Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2053 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części AN2053
Szczegółowy opis  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button AN2053 Datasheet HTML 5Page - STMicroelectronics AN2053 Datasheet HTML 6Page - STMicroelectronics AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics AN2053 Datasheet HTML 10Page - STMicroelectronics AN2053 Datasheet HTML 11Page - STMicroelectronics AN2053 Datasheet HTML 12Page - STMicroelectronics AN2053 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN2053
Long line protection
Doc ID 10917 Rev 2
9/15
Figure 12.
LCP15xx behavior during ITU-T K20 power crossing test (600
Ω)
Figure 12 shows both voltage across the TIP pin of a LCP15xx and current through it when
submitted to a 230 Vrms 600 Ω power crossing ITU-T K20 surge. The voltage trip at the TIP
pin is roughly between +1 V and the battery voltage (-48 V).
Figure 13.
SLIC with internal ring signal management
In the case of Figure 13 the SLIC is supplied by one positive +Vb and one negative -Vbat.
This allows the output pins to manage a signal within this voltage range and in particular to
operate in DC biased ring signal mode. For this topology only one protection stage is
needed to perform a fine response when a transient reaches the +Vb or -Vbat limit.
The LCPx2-150B1 covers the 30 A 10/1000 µs applications without any series resistance
while it needs series resistance Rs (for example PTC) for 50 A applications.
Is : 200mA/div
V tip : 20V/div
LCPx2-150B1
SLIC
-V bat
+V b
Line
Tip
Ring
PTC or Fuse
PTC or Fuse
(*)
(*)
(*) Not mandatory
+V b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com