Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2267 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN2267
Szczegółowy opis  Implementation of current regulator for BLDC motor control with ST7FMC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2267 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN2267 Datasheet HTML 6Page - STMicroelectronics AN2267 Datasheet HTML 7Page - STMicroelectronics AN2267 Datasheet HTML 8Page - STMicroelectronics AN2267 Datasheet HTML 9Page - STMicroelectronics AN2267 Datasheet HTML 10Page - STMicroelectronics AN2267 Datasheet HTML 11Page - STMicroelectronics AN2267 Datasheet HTML 12Page - STMicroelectronics AN2267 Datasheet HTML 13Page - STMicroelectronics AN2267 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Results
AN2267
10/19
5
Results
Experimental implementation of this scheme yielded satisfactory results. A closed loop
regulator for BLDC motor control with inner current and outer speed loops as shown in
Figure 10 was implemented. Current loop sampling time of 500µs and speed loop sampling
time of 2ms was chosen. The amount of computing time required within a 2ms time window
to execute through a full cycle of control loop and all motor control ISRs at an electrical
frequency of 200Hz is less than 1ms. The important waveforms obtained are shown in
figures 11 and 12. Figure 11 shows the convergence of reference and actual phase current
values at the instant of occurrence of U event which is the feedback sampling instant. Notice
that the U event occurs during the middle of PWM ON time. Figure 12 shows the tight
control of motor average phase current for a given current reference.
Figure 10.
Closed loop current and speed control - block diagram
Vdclink
BLDC
duty
-
+
-
+
Speed
estimator
ω
ω
I*
PI reg
PI reg
ST7FMC controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com