| Zakładka z wyszukiwarką danych komponentów |
|
AN2267 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2267 Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 19 page ![]() AN2267 Outline to various approaches 3/19 1 Outline to various approaches A BLDC motor driven in a conventional 6-step method greatly resembles a brushed DC motor. Hence, one may choose to regulate the average DC link current. But this actually results in constant power operation for the motor because at constant DC link voltage, if the average link current is regulated at a certain value, it effectively regulates the power at that point for any variation in motor load, and the average load current / motor torque varies inversely with speed depending on the load. Any effort to compensate the average DC link current data with the duty cycle to obtain average phase current will be impaired by a filter time constant, rendering this option ineffective. Since the DC link current does not reveal winding currents during PWM “off time”, one may choose to monitor all 3 winding currents and build a regulator. But this requires two current sensors to monitor any two phase currents, while the third phase current can be reconstructed from these two. However, the cost of these sensors makes this option expensive. A third option would then be to regulate the peak current per PWM period. Though it is inexpensive and easy to implement, it is not exactly linear. During PWM on time, at lower duty cycles, when both speed and BEMF are small, the phase current rises much faster than at higher duty cycles when the speed and BEMF are large. The same peak currents per PWM period represent different average currents at different duty cycles. An intuitive geometric approach will reveal this as shown in Figure 1. A typical variation in average current vs duty cycle at a given peak current reference is shown in Figure 2. Figure 1. Peak current regulation at different duty cycles with BEMF load Figure 2. Iave vs duty cycle at a given Ipeak Ipeak Ipeak Iphase Iphase tt Iave Ipeak dutycycle 00.5 1.0 |